Electronic Components Datasheet Search
  English  ▼

X  

ADF7011 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF7011
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7011 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF7011_15 Datasheet HTML 16Page - Analog Devices ADF7011_15 Datasheet HTML 17Page - Analog Devices ADF7011_15 Datasheet HTML 18Page - Analog Devices ADF7011_15 Datasheet HTML 19Page - Analog Devices ADF7011_15 Datasheet HTML 20Page - Analog Devices ADF7011_15 Datasheet HTML 21Page - Analog Devices ADF7011_15 Datasheet HTML 22Page - Analog Devices ADF7011_15 Datasheet HTML 23Page - Analog Devices ADF7011_15 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
REV. 0
–20–
ADF7011
APPLICATION EXAMPLES
Application Example 1
Operating Frequency
433.92 MHz
Output Power
+10 dBm
Current Consumption
<30 mA
Modulation
ASK/FSK
This system should be set up as shown Figure 15. The spurious
levels using a crystal frequency of 4 MHz are sufficiently low so
as not to require any band-pass filtering of the output. However,
2 dB of attenuation will be required at 541.50 MHz in order
to comply with ES-300-220. This can be achieved easily with
the harmonic filter. The harmonic filter can be designed at the
output of the matching network with 50
Ω impedance, or it
may be integrated into the matching network. The ADF7011
will allow multichannel operation in the 433 MHz band. If
FSK modulation is used, the BW should be about five times
the data rate. In the case of ASK modulation, a minimum
data rate of 1 MHz should be used to minimize the occupied
spectrum. The free design tool, ADIsimPLL, should be down-
loaded from www.analog.com/pll to ascertain the values of the
filter components.
Application Example 2
Operating Frequency
868.3 MHz
Output Power
+3 dBm
Current Consumption
<25 mA
Modulation
ASK/FSK
In order to meet the ETSI requirement EN300-220, the maxi-
mum output power without using a filter is +3 dBm. This is
because the spurious levels scale with output power. Utilizing a
PFD frequency of 4.42 MHz will reduce the level of the refer-
ence spurs, and place the first spur in a –36 dBm bin, 4.4 MHz
below the carrier. ADIsimPLL should be used to design the
loop filter, aiming for a loop bandwidth of five times the data
rate for FSK. ASK modulation requires a loop BW > 1 MHz to
minimize spectral occupancy.
Application Example 3
Operating Frequency
868.3 MHz
Output Power
+10 dBm
Current Consumption
<40 mA
Modulation
ASK/FSK
In order to meet the ETSI requirements at +10 dBm output
power, it is necessary to add an inexpensive GigaFILT from
Murata at the output. This will reduce the prescaler and refer-
ence spurious levels to –54 dBm, and also reduce the harmonic
levels to within the –30 dBm level. Given that the insertion
loss is 2 dB, it is necessary to use the maximum +12 dBm
power from the ADF7011 to achieve an antenna port level of
+10 dBm. The filter layout is important to ensure that there is
margin in the output spectrum; filter data sheet guidelines
should be adhered to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com