Electronic Components Datasheet Search
  English  ▼

X  

ADF7011 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF7011
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7011 Datasheet(HTML) 3 Page - Analog Devices

  ADF7011_15 Datasheet HTML 1Page - Analog Devices ADF7011_15 Datasheet HTML 2Page - Analog Devices ADF7011_15 Datasheet HTML 3Page - Analog Devices ADF7011_15 Datasheet HTML 4Page - Analog Devices ADF7011_15 Datasheet HTML 5Page - Analog Devices ADF7011_15 Datasheet HTML 6Page - Analog Devices ADF7011_15 Datasheet HTML 7Page - Analog Devices ADF7011_15 Datasheet HTML 8Page - Analog Devices ADF7011_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. 0
ADF7011
–3–
Parameter
Min
Typ
Max
Unit
PHASE-LOCKED LOOP
VCO Gain 433 MHz/868 MHz
40/80
MHz/V @ 868 MHz
Phase Noise (In-Band)
5 433 MHz
–81
dBc/Hz @ 5 kHz offset
Phase Noise (Out-of-Band)
6
–90
dBc/Hz @ 1 MHz offset
Phase Noise (In-Band)
7 868 MHz
–83
dBc/Hz @ 5 kHz offset
Phase Noise (Out-of-Band)
8
–95
dBc/Hz @ 1 MHz offset
100 kHz loop BW
Spurious
9, 10
47–74, 87.5–118, 174–230, 470–862 MHz
–54
dBm
9 kHz – 1 GHz
–36
dBm
Above 1 GHz
–30
dBm. Assumes external harmonic filter.
Harmonics
10
Second Harmonic, 433 MHz/868 MHz
–23/–28
–20/–23
dBc
Third Harmonic, 433 MHz/868 MHz
–25/–29
–22/–25
dBc
Other Harmonics, 433 MHz/868 MHz
–26/–40
–23/–35
dBc
REFERENCE INPUT
Crystal Reference
433 MHz
1.7
22.1184
MHz
868 MHz
3.4
22.1184
MHz
External Oscillator
Frequency
3.4
40
MHz
Input Level, High Voltage
0.7 VDD
V
Input Level, Low Voltage
0.2 VDD
V
FREQUENCY COMPENSATION
Pull In Range of Register
1
100
ppm
PA CHARACTERISTICS
RF Output Impedance
868 MHz
16 – j33
, ZREF = 50
433 MHz
25 – j2.6
, ZREF = 50
TIMING INFORMATION
Chip Enabled to Regulator Ready
10
50
200
µs
Crystal Oscillator to CLKOUT OK
4 MHz Crystal
1.8
ms
22.1184 MHz Crystal
2.2
ms
TEMPERATURE RANGE – TA
–40
+85
C
NOTES
1 Operating temperature range is as follows: –40 C to +85 C.
2 Datarates should be limited to adhere to edge of band requirements in accordance with ETSI 300-220
3 Frequency Deviation = (PFD Frequency
Mod Deviation )/2
12.
GFSK Frequency Deviation = (PFD Frequency
2
m)/212 where m = Mod Control.
4 The output power is limited by the spurious requirements of ETSI at +55 C. The addition of an output filter (see Applications section) will allow increased output
levels to >10 dBm at both 433 MHz and 868 MHz
5 V
DD = 3 V, PFD = 4 MHz, PA = 10 dBm
6 V
DD = 3 V, Loop Filter BW = 100 kHz
7 V
DD = 3 V, PFD = 4.42368 MHz, PA = 3 dBm
8 V
DD = 3 V, Loop Filter BW = 100 kHz
9 These spurious levels are based on a maximum output power of +3 dBm for 868 MHz and +10 dBm for 433 MHz. It assumes a PFD frequency of <5 MHz.
Recommended PFD frequencies are 4.42368 MHz (22.1184/5) for 868 MHz, and 4 MHz for 433 MHz operation. Compliance for higher output powers will require
an external filter. See Applications section.
10 Not production tested. Based on characterization.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com