Electronic Components Datasheet Search
  English  ▼

X  

HIP5020 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP5020
Description  Integrated-Power Buck Converter Controller with Synchronous Rectification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5020 Datasheet(HTML) 5 Page - Intersil Corporation

  HIP5020 Datasheet HTML 1Page - Intersil Corporation HIP5020 Datasheet HTML 2Page - Intersil Corporation HIP5020 Datasheet HTML 3Page - Intersil Corporation HIP5020 Datasheet HTML 4Page - Intersil Corporation HIP5020 Datasheet HTML 5Page - Intersil Corporation HIP5020 Datasheet HTML 6Page - Intersil Corporation HIP5020 Datasheet HTML 7Page - Intersil Corporation HIP5020 Datasheet HTML 8Page - Intersil Corporation HIP5020 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2-17
PGND
FB
PHASE
BOOT
VCC
HIP5020
CP+
CP-
HMI
SLOPE
CT
SOFT
GND
VIN
SD
VINF
OVLD
R1
R2
C1
L1
C3
C4
C2
R4
C6
C7
C5
C8
C12
C10
R5
ON/OFF
D1
VO
R6
C9
D2
+
-
FIGURE 1. EXAMPLE APPLICATION CIRCUIT
VIN
TABLE 1. EXAMPLE APPLICATION PERFORMANCE PARAMETERS
These characteristics are for the circuit shown in Figure 1 with the components given in Tables 2 and 3.
PARAMETER
CONDITIONS
CIRCUIT 1
HIGH EFFICIENCY
CIRCUIT 2
SMALL SIZE
CIRCUIT 3
LOW COST
UNITS
Input Voltage
- Typical
- Range
3 Li-Ion Cells:
11.1
8.1 to 16
2 Li-Ion Cells:
7.4
5.4 to 12
9 Nicd Cells:
10.8
8.1 to 16
VDC
Switching Frequency
200
±15%
625
±15%
120
±20%
kHz
Output Voltage Variation
Line Regulation
Load Regulation
Initial Setting
Input Voltage Range; IO = 1ADC
IO = 0.1 to 3ADC, VIN = Typical
3.3
±3.5%
±0.1
±0.3
3.3
±2.2%
±0.1
±0.3
3.3
±3.5%
±0.1
±0.4
V
%
%
Output Voltage Ripple
- Full Load
- Light Load
Bandwidth < 20MHz
IO = 3ADC, VIN = Typical
IO = 50mADC, VIN = Typical
18
50
30
80
20
70
mV
Efficiency
- Full load
- Peak
- Light Load
IO = 3ADC, VIN = Typical
0.5 < IO < 2ADC, VIN = Typical
IO = 50mADC, VIN = Typical
86
92
88
86
89
84
86
90
72
%
%
%
Estimated Circuit Area
Tallest Component
3.5
0.45
2.1
0.24
3.6
0.68
in2
in
Normalized Circuit Cost
Ratio of total circuit cost to Circuit 2
1.1
1
0.75
TABLE 2. COMPONENT SUGGESTIONS FOR EXAMPLE APPLICATION CIRCUITS
COMPONENT
CIRCUIT 1
CIRCUIT 2
CIRCUIT 3
D1
MBR0540
MBR0540
1N4148
D2
MBR0540
Not Used
Not Used
L1
16
µH, RDC < 15mΩ
5
µH, RDC < 22mΩ
26
µH, RDC < 25mΩ
C1
2x - 220
µF, 10V OS-CON
ESRMAX (100kHz) < 35mΩ
3x - 220
µF, 10V Tantalum
ESRMAX (100kHz) < 100mΩ
3x - 390
µF, 25V, Aluminum
ESRMAX (100kHz) < 65mΩ
C2
100
µF, 20V OS-CON
ESRMAX (100kHz) < 30mΩ
2x - 100
µF, 16V Tantalum
ESRMAX (100kHz) < 100mΩ
2x - 390
µF, 25V Aluminum
ESRMAX (100kHz) < 65mΩ
C3
0.1
µF ±20% - Ceramic
0.1
µF ±10% - Ceramic
0.1
µF ±20% - Ceramic
HIP5020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com