Electronic Components Datasheet Search
  English  ▼

X  

HIP5020 Datasheet(PDF) 12 Page - Intersil Corporation

Part # HIP5020
Description  Integrated-Power Buck Converter Controller with Synchronous Rectification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5020 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HIP5020 Datasheet HTML 7Page - Intersil Corporation HIP5020 Datasheet HTML 8Page - Intersil Corporation HIP5020 Datasheet HTML 9Page - Intersil Corporation HIP5020 Datasheet HTML 10Page - Intersil Corporation HIP5020 Datasheet HTML 11Page - Intersil Corporation HIP5020 Datasheet HTML 12Page - Intersil Corporation HIP5020 Datasheet HTML 13Page - Intersil Corporation HIP5020 Datasheet HTML 14Page - Intersil Corporation HIP5020 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
2-24
a higher ripple voltage for load current between 0.2A and
0.6A. If the load is sensitive to power supply ripple during this
load range, the lower efficiency HMI setting should be used.
The voltage on the HMI pin is used to clamp the lower limit of
error amplifier output voltage and the minimum peak
inductor current. This voltage is set by a 20
µA current source
and the resistor, R4.
Soft-Start
Set the Soft-Start capacitor, C8 so that the output voltage
ramps to its final value with a current between the hysteretic
mode current and the rated current. The minimum value for
C8 can be determined from:
Larger values for C8 will extend the soft-start interval, TSOFT.
Any loading during the Start-up mode lengthens TSOFT.
Bypass and Filter Capacitors
Capacitor C12 supplies the leading edge PWM current each
switching cycle. A high quality (X7R dielectric ceramic)
0.1
µF surface-mount capacitor is recommended. Locate
C12 directly across the VIN and PGND pins.
Bypass the internal VCC supply with a high quality (X7R
dielectric ceramic) surface-mount capacitor (C4). Locate C4
directly across the VCC and GND pins.
The value for capacitor C5 should be selected as described in
the Charge Pump Regulator above. A single high quality (X7R
dielectric ceramic) capacitor is usually adequate. Some
applications may need a high capacitance, electrolytic for
charge-pump operation. For these applications, a high quality
capacitor in parallel with the electrolytic is recommended.
Locate C5 directly across the CP+ and CP- pins.
R5 and C10 form a low-pass filter for the bias supply (VINF) of
the reference and hysteretic comparator functions. A 2k
Ω
resistor for R5 and a 0.1
µF Capacitor for C10 is recommended.
Locate C10 directly across the VINF and GND pins.
Thermal Design
The power ground (PGND) pins of the SOIC package
provide a thermal conduction path for removing heat from
the HIP5020. Inside the package, the HIP5020 die is
mounted on a copper structure with connections to PGND
(pins 6, 7, 8, 9, 20, 21, 22, and 23). Solder the SOIC to a
circuit board with a copper ground plane to remove heat
from the package. With good component layout and 3
square inches of copper ground plane, the junction-to-
ambient thermal resistance is 36oC/W. Most of the
converter’s power dissipation will be in the HIP5020 and the
output inductor, L1. The power dissipated in the HIP5020
can be estimated from the converter’s full load efficiency and
subtracting the inductor’s power dissipation (
). The
junction temperature rise above ambient is this power
multiplied by the thermal resistance. Use the HIP5020
design and simulation software for more accurate thermal
simulations. Be sure to keep the junction temperature below
125oC for reliable operation. Careful component layout and
good thermal design maximized the efficiency and reliability
of the converter.
Detailed Characteristics
Charge Pump Regulator
The charge pump regulator supplies control power (VCC) to
the internal functions of the HIP5020. The charge pump
operates for input voltage levels below 9.8V and is disabled
for input voltages above 9.8V. Figure 10 shows the charge
pump output voltage (VCC) as a function of the input voltage
(VIN). For input voltages below 9.8V nominally, the charge
pump operates in two regions - as a voltage doubler and as
a voltage regulator. The charge pump operates as a normal
voltage doubler when VCC is below approximately 14.8V.
The charge pump limits VCC to approximately 14.8V in the
regulation region. For input voltages above 9.8V, the charge
pump is disabled and VCC follows the input voltage less a
diode drop.
0.01
0.1
1
10
80
85
90
95
100
LOAD CURRENT (A)
0.001
VHMI = 0.5V
VHMI = 0.15V
FIGURE 9. EFFICIENCY vs LOAD CURRENT
75
70
TA = 25
oC
CIRCUIT 1: VIN = 6VDC
C8
MIN
T
SOFT
10
5
–
V
REF
---------------
•
=
where T
SOFT
C1
V
O
•
3A
----------------------
=
IO
2
RDC
•
HIP5020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com