Electronic Components Datasheet Search
  English  ▼

X  

HIP5020 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP5020
Description  Integrated-Power Buck Converter Controller with Synchronous Rectification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5020 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP5020 Datasheet HTML 6Page - Intersil Corporation HIP5020 Datasheet HTML 7Page - Intersil Corporation HIP5020 Datasheet HTML 8Page - Intersil Corporation HIP5020 Datasheet HTML 9Page - Intersil Corporation HIP5020 Datasheet HTML 10Page - Intersil Corporation HIP5020 Datasheet HTML 11Page - Intersil Corporation HIP5020 Datasheet HTML 12Page - Intersil Corporation HIP5020 Datasheet HTML 13Page - Intersil Corporation HIP5020 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2-22
Detailed Component Selection
The application circuits shown in Figure 1 and described by
Tables 1 and 2 illustrate component trade-off to achieve size,
cost and efficiency goals. A design and simulation software
program is available that simplifies the small signal
component selection (http://www.semi.harris.com). This
section provides additional guidance for selecting alternate
components.
Output Capacitor
The output capacitor, C1 smooths the output voltage ripple
of the DC-DC converter. The size and value depend upon
the output ripple requirement, the dielectric characteristics,
the value of output inductance and the switching frequency.
Choose a capacitor with a low impedance at the switching
frequency to meet the output voltage ripple requirement.
Use only specialized low-ESR capacitors intended for
switching-regulator applications.
Capacitor impedance above the switching frequency should
also be minimized. During Hysteretic mode operation, the
transition of RUN from low to high causes inductor current to
ramp from zero to the HMI set level in a very short time. This
rate of current change across the output capacitor’s the
equivalent series inductance (ESL) causes a voltage spike
that appears (attenuated) on the FB pin. The ESL or the rate
of current change must be limited to prevent the hysteretic
comparator from toggling RUN between high and low.
Unfortunately, ESL is not a specified parameter. Work with
your capacitor supplier and measure the capacitor’s
impedance at the switching frequency (and the first few
harmonics of the switching frequency) to select a suitable
component. In most cases, multiple electrolytic capacitors of
small case size perform better than a single large case
capacitor.
Output Inductor
The output inductor, L1 sets the ripple current and influences
the converter efficiency. The ripple current,
∆I is related to
the inductance and switching frequency (FS), for continuous
inductor current. Increasing the inductance or the switching
frequency lowers the ripple current and the output ripple volt-
age. The inductance can be determined by:
Inductance is a function of the core permeability, core size,
and the square of number of turns. The power dissipation of
the inductor is also dependent upon the number of turns and
the core. In general, most of the power dissipation is in the
inductor’s winding. Therefore, use high permeability core
material to minimize the number of turns. Be sure the flux at
full load current does not saturate the core. Recommended
core materials include: Microlite™ from Allied Signal, ferrite,
Kool-Mu™, molypermalloy (MMP), and powdered iron.
Switching Frequency
The oscillator produces a sawtooth wave on the CT pin with
an amplitude of 1.26V. The switching frequency is set by C6.
Select the closest standard capacitance value according to
the following formula:
Higher switching frequency decreases the size of output
filter L1 and C1 and enables a higher bandwidth converter
for faster response to a load transient. However, higher
frequencies dissipate more power for a less efficient
converter.
Control Loop Design
The HIP5020 realizes excellent transient response with
proper control loop design. The device utilizes peak-current
control with the entire current loop integrated within the
HIP5020. Additionally, the HIP5020 includes a 12pF
integration capacitor across the error amplifier. (See the
Detailed Operating Description above.) Some applications
need only add the resister R1 and capacitor C7 for a
complete design.
The capacitor, C7 adds a compensation slope to the peak
current control loop (see Slope Compensation below). C7
shows up in the closed loop transfer function as peaking
around half of the switching frequency. For a stable design,
make sure the closed loop gain at half of the switching
frequency is below -10dB.
The error amplifier and compensation components regulate
the output voltage by controlling the current loop (as shown
in Figure 5). The compensation components shown in
Figure 8 realize a lead-lag circuit. The resistor R1 adjusts
the loop gain of the converter and resistor R6 and capacitor
C9 set the pole and zero. The resistor R2 does not appear in
the lead-lag transfer function. R2 sets the output voltage
level. First stabilize control loop by selecting R1 and then
determine R2 for the desired output voltage level.
L1
V
IN V
–
O
∆IF
S
•
---------------------
V
O
V
IN
---------
•
=
C6
10
4
–
F
S
------------
10
11
–
–
=
REFERENCE
1.26V
R1
R2
VO
TO
PWM
COMPARATOR
12pF
R6
C9
FB
FIGURE 8. LEAD-LAG COMPENSATION CIRCUIT
ERROR
-
+
AMP
HIP5020
HIP5020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com