Electronic Components Datasheet Search
  English  ▼

X  

HIP5020 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP5020
Description  Integrated-Power Buck Converter Controller with Synchronous Rectification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5020 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP5020 Datasheet HTML 5Page - Intersil Corporation HIP5020 Datasheet HTML 6Page - Intersil Corporation HIP5020 Datasheet HTML 7Page - Intersil Corporation HIP5020 Datasheet HTML 8Page - Intersil Corporation HIP5020 Datasheet HTML 9Page - Intersil Corporation HIP5020 Datasheet HTML 10Page - Intersil Corporation HIP5020 Datasheet HTML 11Page - Intersil Corporation HIP5020 Datasheet HTML 12Page - Intersil Corporation HIP5020 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2-21
increases and the converter operates in Hysteretic mode.
The lower error amplifier limit is the voltage on the HMI
(Hysteretic Mode Current) pin. The HMI level (VHMI) sets
the Run-to-Hysteretic mode load current boundary.
Hysteretic Mode
The HIP5020 operates in the hysteretic mode with low
output current. In this mode, the hysteretic comparator
cycles the control on (RUN = High) and off (RUN = Low) as a
function of the output voltage and the FB voltage level.
Figure 7 illustrates the averaged Hysteretic Mode operation
with reference to Figure 5. At light load, the error amplifier
output voltage is held to the HMI voltage (VHMI). This level
commands an inductor current that exceeds the load
current. The excess current flows into the output capacitor
which increases the output voltage (VO). The voltage
feedback loop no longer holds VFB at the reference voltage.
When VFB increases to the Upper Hysteretic Trip Level, the
RUN signal transitions Low to power-down most of the
control’s functions, and the load is supplied by the output
capacitor. After VFB (and the equivalent output voltage)
drops below the Lower Hysteretic Trip Level, RUN transitions
High, turning on the controller. The converter replenishes the
charge on the output capacitor (C1). This cycle repeats to
regulate the output voltage.
The HIP5020 maintains peak-current control during
Hysteretic mode. When the RUN signal transitions High, the
control functions reenergize and the oscillator sets the PWM
Latch which turns-on the high side MOSFET. The inductor
current increases and resets the PWM latch to turn off the
MOSFET. This cycle-by-cycle operation is identical to the
Run mode operation. However, in hysteretic mode, the
inductor current is regulated to a level proportional to VHMI.
With very light loads, the converter replenishes the output
capacitor charge in a few switching cycles (RUN = High) and
the converter dissipates very little average power. Operation
automatically transitions to Run mode as the load increases
above the Run-to-Hysteretic mode load current boundary;
the RUN signal simply stays High.
The output voltage ripple during Hysteretic Mode is a
function of the HMI (Hysteretic Mode Current) setting, output
capacitor ESR, and the hysteretic voltage trip points. The
approximate ripple voltage is:
Where 2
∆ is the hysteresis width (~20mV) and the 1.7 (A/V)
factor is the error amplifier output voltage to peak current
control gain (modulator gain).
Protective Modes
The HIP5020 provides cycle-by-cycle current limiting and
protects against over-current. The cycle-by-cycle current
limit reduces the pulse width (duty factor) for peak inductor
current levels exceeding the current limit (4A minimum). This
results in a constant current output characteristic. The OVLD
pin toggles high to indicate an overload condition. Should
the current limit cause a small pulse width due to a
saturating output inductor, over-current protection activates a
soft-start cycle. The simultaneous occurrence of a minimum
pulse width and a current limit signals an over-current
condition. The converter enters the start-up mode by fully
discharging the soft-start capacitor and inhibiting PWM
operation. With a continuous overload, the over-current
protection triggers the soft-start function which inhibits PWM
operation until after the soft-start capacitor first fully charges
to VCC and then fully discharges. This results in a very low
average input current.
Soft-Start
The soft-start function is programmed by a capacitor on the
SOFT pin (C10). This capacitor is initially discharged.
Releasing the SD pin, or increasing VCC above the under-
voltage lockout threshold initiates a soft-start interval. As the
internal 10
µA source charges C10, the converter output
follows the capacitor voltage, VSOFT. The control establishes
closed loop regulation when the output voltage approaches
the level set by R1, R2 and the reference.
Initiating shutdown mode rapidly discharges capacitor C10.
Releasing the SD pin initiates another start-up mode which
charges up the capacitor C10 to VCC.
Should the VFB exceed the upper hysteretic trip level, the
internal 10
µA source stops charging C10. The soft-start
interval will resume when VFB drops below the lower
hysteretic trip level.
OUTPUT LOAD
HYSTERETIC
MODE
RUN
MODE
CURRENT
LIMIT
FIGURE 6. OPERATING MODES WITH THE ERROR
AMPLIFIER CLAMPS
VHMI
FIGURE 7. TYPICAL HYSTERETIC MODE OPERATION
TIME
2
∆
VO
REF
VO
RUN
V
HMI
1.7
ESR
•
•
2
∆
R
1 R2
⁄
1
+
()
•
•
+
HIP5020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com