Electronic Components Datasheet Search
  English  ▼

X  

UPC2795 Datasheet(PDF) 3 Page - NEC

Part # UPC2795
Description  GENERAL PURPOSE L-BAND DOWN CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2795 Datasheet(HTML) 3 Page - NEC

  UPC2795 Datasheet HTML 1Page - NEC UPC2795 Datasheet HTML 2Page - NEC UPC2795 Datasheet HTML 3Page - NEC UPC2795 Datasheet HTML 4Page - NEC UPC2795 Datasheet HTML 5Page - NEC UPC2795 Datasheet HTML 6Page - NEC UPC2795 Datasheet HTML 7Page - NEC UPC2795 Datasheet HTML 8Page - NEC UPC2795 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
µµµµPC2795GV
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
RATINGS
UNIT
Supply Voltage
VCC
6.0
V
Power Dissipation
PD
TA = 85
°C*1
250
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
*1 Mounted on 50
× 50 × 1.6 mm double epoxy glass board.
RECOMMENDED OPERATING RANGE
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Operating Ambient Temperature
TA
−40
+25
+85
°C
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C, VCC = 5 V; *1)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Circuit Current
ICC
25.5
35.0
48.0
mA
no input signal
Lower Input Frequency
fRF1

0.95
GHZ
Upper Input Frequency
fRF22.15

GHZ
Conversion Gain 1
CG1
8.0
11.0
14.0
dB
fRF = 950 MHz, PRF =
−30 dBm,
fIF = 402 MHz, POSC =
−10dBm
Conversion Gain 2
CG2
6.5
9.5
12.5
dB
fRF = 2.15 GHz, PRF =
−30 dBm,
fIF = 402 MHz, POSC =
−10 dBm
Noise Figure 1
NF1
13.5
16.0
dB
fRF = 950 MHz, fIF = 402 MHz,
POSC =
−10 dBm
Noise Figure 2
NF2
14.0
16.5
dB
fRF = 2.15 GHz, fIF = 402 MHz,
POSC =
−10 dBm
Maximum Output Power 1
PO(sat) 1
2.0
5.0
dBm
fRF = 950 MHz, PRF = 0 dBm,
fIF = 402 MHz, POSC =
−10 dBm
Maximum Output Power 2
PO(sat) 2
0.0
3.5
dBm
fRF = 2.15 GHz, PRF = 0 dBm,
fIF = 402 MHz, POSC =
−10 dBm
*1 By measurement circuit.
STANDARD CHARACTERISTICS (TA = 25
°°°°C, VCC = 5 V; *1)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
3rd Order Intermodulation
Distortion 1
IM31
55
dBc
fRF = 950, 980 MHz, PRF =
−25 dBm,
fOSC = 1430 MHz, POSC =
−10 dBm
3rd Order Intermodulation
Distortion 2
IM32
55
dBc
fRF = 2.15, 2.18 GHz, PRF =
−25 dBm,
fOSC = 2.63 GHz, POSC =
−10 dBm
Oscillator Frequency
fosc
1.35
2.65
GHZ
*1 By measurement circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com