Electronic Components Datasheet Search
  English  ▼

X  

UPC2795 Datasheet(PDF) 6 Page - NEC

Part # UPC2795
Description  GENERAL PURPOSE L-BAND DOWN CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2795 Datasheet(HTML) 6 Page - NEC

Back Button UPC2795 Datasheet HTML 2Page - NEC UPC2795 Datasheet HTML 3Page - NEC UPC2795 Datasheet HTML 4Page - NEC UPC2795 Datasheet HTML 5Page - NEC UPC2795 Datasheet HTML 6Page - NEC UPC2795 Datasheet HTML 7Page - NEC UPC2795 Datasheet HTML 8Page - NEC UPC2795 Datasheet HTML 9Page - NEC UPC2795 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
µµµµPC2795GV
STANDARD CHARACTERISTICS (VCC = 5 V, TA = 25
°°°°C)
0
–10
–20
–30
–40
RL 0 dBm
5 dB/
2.704 GHZ
CENTER 2.000 GHZ
RBW 1.0 MHZ VBW 1.0 MHZ
SPAN 1.600 GHZ
SWP 50 ms
*1 Measured at IF output pin (4 pin)
START 900 MHZ
STOP
3 GHZ
MARKER
Re [
Ω] Im [Ω]
1 : 950 MHZ 41.5
–152 (1.10 pF)
2 : 2150 MHZ 11.2
–54.9 (1.35 pF)
1
2
RF Input Impedance (@1 pin)
IF Output Impedance
OSC Input Impedance (@8 pin)
START 900 MHz
STOP
3 GHz
MARKER
Re [
Ω] Im [Ω]
1 : 1350 MHz 9.22
–36.1 (3.27 pF)
2 : 2630 MHz 31.5
26.9 (1.63 nH)
1
2
START 300 MHz
STOP
600 MHz
MARKER
Re [
Ω] Im [Ω]
1 : 402.8 MHz
9.48
11.2 (9.40 nH)
2 : 479.5 MHz 10.4
13.4 (4.46 nH)
1
2
1.349 G
Å•
2.720 G
OSC Frequency Range*¹



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com