Electronic Components Datasheet Search
  English  ▼

X  

UPC2795 Datasheet(PDF) 11 Page - NEC

Part # UPC2795
Description  GENERAL PURPOSE L-BAND DOWN CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2795 Datasheet(HTML) 11 Page - NEC

Back Button UPC2795 Datasheet HTML 4Page - NEC UPC2795 Datasheet HTML 5Page - NEC UPC2795 Datasheet HTML 6Page - NEC UPC2795 Datasheet HTML 7Page - NEC UPC2795 Datasheet HTML 8Page - NEC UPC2795 Datasheet HTML 9Page - NEC UPC2795 Datasheet HTML 10Page - NEC UPC2795 Datasheet HTML 11Page - NEC UPC2795 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
µµµµPC2795GV
NOTES ON CORRECT USE
(1) Observe precautions for handling because of electro-static sensitive devices.
(2) Form a ground pattern as wide as possible to minimize ground impedance (to prevent undesired oscillation).
(3) Keep the track length of the ground pins as short as possible.
(4) A low pass filter must be attached to VCC line.
(5) A matching circuit must be externally attached to output port.
RECOMMENDED SOLDERING CONDITIONS
The following conditions (see table below) must be met when soldering this product.
Please consult with our sales officers in case other soldering process is used or in case soldering is done under
different conditions.
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).
µµµµPC2795GV
Soldering process
Soldering conditions
Symbol
Infrared ray reflow
Peak package’s surface temperature: 235
°C or below,
Reflow time: 30 seconds or below (210
°C or higher),
Number of reflow process: 3, Exposure limit
Note
: None
IR35-00-3
VPS
Peak package’s surface temperature: 215
°C or below,
Reflow time: 40 seconds or below (200
°C or higher),
Number of reflow process: 3, Exposure limit
Note
: None
VP15-00-3
Wave soldering
Solder temperature: 260°C or below,
Reflow time: 10 seconds or below,
Number of reflow process: 1, Exposure limit
Note
: None
WS60-00-1
Partial heating
method
Terminal temperature: 300
°C or below,
Flow time: 3 seconds or below,
Exposure limit
Note
: None
Note Exposure limit before soldering after dry-pack package is opened.
Storage conditions: 25
°C and relative humidity at 65 % or less.
Caution Do not apply more than single process at once, except for “Partial heating method”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com