Electronic Components Datasheet Search
  English  ▼

X  

UPC2795 Datasheet(PDF) 9 Page - NEC

Part # UPC2795
Description  GENERAL PURPOSE L-BAND DOWN CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2795 Datasheet(HTML) 9 Page - NEC

Back Button UPC2795 Datasheet HTML 4Page - NEC UPC2795 Datasheet HTML 5Page - NEC UPC2795 Datasheet HTML 6Page - NEC UPC2795 Datasheet HTML 7Page - NEC UPC2795 Datasheet HTML 8Page - NEC UPC2795 Datasheet HTML 9Page - NEC UPC2795 Datasheet HTML 10Page - NEC UPC2795 Datasheet HTML 11Page - NEC UPC2795 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
µµµµPC2795GV
Illustration of the application circuit assembled on evaluation board
RF in
Lo in
UPC2795GV
IF out
Vtune
VCC
VCC
C5
C4
C4
C7
C6
Cv1 = CV2 : HVU316
C1 : 4 pF
C2 : 2 pF
C3 : 3 pF
C4 : 1000 pF
C5 : 0.1 F
C6 : 1 F
C7 : 100 pF
R1 : 150
Ω
R2 : 12 k
Ω
C2
C2
C3
C1
CV1
CV2
R2
R2
R2
C3
R11
R11
C4
C5
L
Vtu
VCC
shows short circuited strip for ground
shows cutout
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com