Electronic Components Datasheet Search
  English  ▼

X  

UPC2795 Datasheet(PDF) 5 Page - NEC

Part # UPC2795
Description  GENERAL PURPOSE L-BAND DOWN CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2795 Datasheet(HTML) 5 Page - NEC

  UPC2795 Datasheet HTML 1Page - NEC UPC2795 Datasheet HTML 2Page - NEC UPC2795 Datasheet HTML 3Page - NEC UPC2795 Datasheet HTML 4Page - NEC UPC2795 Datasheet HTML 5Page - NEC UPC2795 Datasheet HTML 6Page - NEC UPC2795 Datasheet HTML 7Page - NEC UPC2795 Datasheet HTML 8Page - NEC UPC2795 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
µµµµPC2795GV
STANDARD CHARACTERISTICS
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
Pin vs. Pout
Pin - Input Power - dBm
–40
–30
–20
–10
0
10
VCC = 5 V
fRF1 = 950 MHZ
fRF2 = 980 MHZ
fOSC = 1430 MHZ
POSC = –10 dBm
fIF = 480 MHZ
TA = 25 ˚C
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
Pin vs. Pout
Pin - Input Power - dBm
–40
–30
–20
–10
0
10
VCC = 5 V
fRF1 = 2.15 GHZ
fRF2 = 2.18 GHZ
fOSC = 2.63 GHZ
POSC = –10 dBm
fIF = 480 MHZ
TA = 25 ˚C
950 MHZ
950 + 980
MHz
950 + 980
MHz
950 + 980
MHz
2.15 + 2.18
GHz
2.15 + 2.18
GHz
2.15 + 2.18
GHz
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
Pin vs. Pout
Pin - Input Power - dBm
–40
–30
–20
–10
0
10
VCC = 5 V
fRF1 = 950 MHZ
fRF2 = 980 MHZ
fOSC = 1430 MHZ
POSC = –10 dBm
fIF = 480 MHZ
TA = –40 ˚C
950 MHZ
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
Pin vs. Pout
Pin - Input Power - dBm
–40
–30
–20
–10
0
10
VCC = 5 V
fRF1 = 950 MHZ
fRF2 = 980 MHZ
fOSC = 1430 MHZ
POSC = –10 dBm
fIF = 480 MHZ
TA = 85 ˚C
950 MHZ
2.15 GHZ
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
Pin vs. Pout
Pin - Input Power - dBm
–40
–30
–20
–10
0
10
VCC = 5 V
fRF1 = 2.15 GHZ
fRF2 = 2.18 GHZ
fOSC = 2.63 GHZ
POSC = –10 dBm
fIF = 480 MHZ
TA = –40 ˚C
2.15 GHZ
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
Pin vs. Pout
Pin - Input Power - dBm
–40
–30
–20
–10
0
10
VCC = 5 V
fRF1 = 2.15 GHZ
fRF2 = 2.18 GHZ
fOSC = 2.63 GHZ
POSC = –10 dBm
fIF = 480 MHZ
TA = 85 ˚C
2.15 GHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com