Electronic Components Datasheet Search
  English  ▼

X  

AP2200B Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AP2200B
Description  Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2200B Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AP2200B Datasheet HTML 1Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 2Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 3Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 4Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 5Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 6Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 7Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 8Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
[AP2200B]
MS1613-E-01
2014/04
- 4 -
6. Pin Configurations and Functions
■ Pin Configurations
■ Pin Functions
Pin
No
Pin name
Type
(Note 1)
I/O
(Note 2)
Function
Description
1
PG
GND
-
DC-DC ground pin
2
PG
GND
-
DC-DC ground pin
3
VCP
A
IO
Charge pump pin
4
VIN
PWR
-
Power input pin
5
GND
GND
-
Ground pin
6
VREG
A
IO
Internal regulator output pin
7
SEL
D
I
Output voltage switch input pin
“L” = 3V,“H” = 3.8V
8
TEST1
-
-
Test pin
(Note 3)
9
TEST2
-
-
Test pin
(Note 3)
10
STBY
D
I
Standby input pin
“H” : standby
11
VB
A
I
Battery monitoring input pin
12
LC
D
O
External switch control pin
13
VOUT
A
IO
DC-DC output pin
14
VOUT
A
IO
DC-DC output pin
15
SW
A
IO
Inductor connect pin
16
SW
A
IO
Inductor connect pin
EP
GND
GND
-
Tab pin
Note 1. A: analog pin, D: digital pin, GND: ground pin, PWR: power pin.
Note 2. I: input pin, O: output pin, IO: input and output pin.
Note 3. Test pins should be connected to GND.
1
2
3
4
12
11
10
9
VOUT
VOUT
SW
SW
TEST1
SEL
VREG
GND
Top View
Please connect exposed pad to GND or leave OPEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com