Electronic Components Datasheet Search
  English  ▼

X  

AP2200B Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AP2200B
Description  Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2200B Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AP2200B Datasheet HTML 8Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 9Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 10Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 11Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 12Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 13Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 14Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 15Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 16Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
[AP2200B]
MS1613-E-01
2014/04
- 13 -
11. Recommended External Circuits
■ When Setting the Output Voltage to 3.0V or 3.8V
Figure 6.
When Setting the Output Voltage to 3.0/3.8V
Note 10.
: Power supply of the startup circuit. The supply source is P.V.
: Power supply of the Internal circuits, VB pin and SEL pin for pull up.
Note 11. Select the C1 value to prevent the LC pin voltage from exceeding the absolute maximum rating due
to the current through parasitic capacitance of the external load switch.
■ Recommended Parts
Table 3. Recommended Parts
Item
Symbol
Value
Type
Capacitors
CIN
10µF
Ceramic
COUT
10µF
Ceramic
CREG
1µF
Ceramic
CCP
0.01µ
Ceramic
C1
0.1µF
Ceramic
Inductors
L
6.8µH
TDK: SLF6045T-6R8N2R0-3PF
Load switches
M1
M2
-
On Semiconductor:
NTS2101P
MCU
REF
OSC
LDO
VOUT
Monitor
Logic
VIN
Monitor
Load
Control
Pre-
Driver
Start Up
VREG
STBY
SEL
Y
TEST1
Y
TEST2
Y
VB
LC
VOUT
SW
VIN
VCP
PG
GND
C1
0.1uF
L
COUT
CIN
CCP
System
CREG
P.V.
M1
M2
VTGT=3.8V
VTGT=3.0V
Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com