Electronic Components Datasheet Search
  English  ▼

X  

AP2200B Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AP2200B
Description  Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2200B Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AP2200B Datasheet HTML 4Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 5Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 6Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 7Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 8Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 9Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 10Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 11Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
[AP2200B]
MS1613-E-01
2014/04
- 8 -
■ Target Voltage Setting
The target voltage (VTGT) is selectable by the SEL pin.
Table 2. Target voltage
SEL pin level
Target voltage (VTGT) setting
“L”
3.0 V
“H”
3.8 V
■ Constant input voltage control and Output voltage control
The step-up converter always monitors VVOUT and regulates the input voltage to be VVINMPP. As soon as
VVOUT reaches the target voltage (VTGT), the converter stops step-up operation. When the voltage step-up
operation is stopped, VVOUT decreases due to load consumption. When VVOUT drops by VTGTHYS or more
from the VTGT level, the step-up operation is restarted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com