Electronic Components Datasheet Search
  English  ▼

X  

AP2200B Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AP2200B
Description  Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2200B Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP2200B Datasheet HTML 3Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 4Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 5Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 6Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 7Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 8Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 9Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 10Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
[AP2200B]
MS1613-E-01
2014/04
- 7 -
10. Functional Descriptions
■ Operation Overview
When the output voltage is input to the VIN pin from the solar cell(s), the low voltage startup circuit starts to
step up the output voltage (VVOUT). When VVOUT reaches the voltage required operating the step-up
converter, the low voltage startup circuit stops operation and the step-up converter starts operation.
The input voltage is regulated to reach VVINMPP.
After that, the step-up converter increases VVOUT to the target voltage (VTGT) and controls VVOUT so that it
will be stabilized at VTGT. The step-up converter also decreases the LC pin voltage to a low level when VVOUT
reaches VTGT. For the application where an external PMOS load switch is connected to the LC pin of the
AP2200B, the external switch is turned ON to start power supply by the LC pin = “L”. However, if a one of
conditions below is met, the external load switch will be turned OFF to stop power supply.
Table 1. Stop power supply
1
The STBY pin is set to a high level:
The AP2200B has a standby function. When the
STBY pin is set to a high level (VIHSTB), the
external load switch is turned OFF to stop power
supply. In this case, the step-up converter is still
running even in a standby state. When the STBY
pin is set to a low level (VILSTB), the standby mode
is released and the power supply is resumed.
2
The VB pin voltage is less than or equal to VBLOW:
The AP2200B has a battery monitoring function.
When the VB pin voltage decrease to VBLOW or
lower, it is assumed that the battery is removed,
and the external load switch is turned OFF to stop
power supply. When the VB pin voltage increases
to VBLOW or higher, it is assumed that the battery
is reinserted, and the external load switch is turned
ON to start power supply.
To disable this function, connect the VB pin to the
VOUT pin.
3
The VOUT pin voltage is less than or equal to VOL:
When the VOUT pin voltage decreases to VOL and
lower, the external load switch is turned OFF to
stop power supply. In this case, the step-up
converter is still running. When VVOUT reaches
VTGT again, the power supply is resumed.
4
Every tPV Period (solar condition checking):
The AP2200B turns OFF the external load switch
as well as stopping the voltage step-up operation
by each tPV period. The voltage step-up operation
is resumed after a certain period of time. However,
unless VVOUT reaches VTGT again, the external
load switch is not turned ON.
This prevents back flow from the battery to
VVOUT to minimize the battery consumption
when the power supply from the solar cell(s)
decreases and the step-up converter cannot increase
the voltage sufficiently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com