Electronic Components Datasheet Search
  English  ▼

X  

AP2200B Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AP2200B
Description  Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2200B Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AP2200B Datasheet HTML 1Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 2Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 3Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 4Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 5Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 6Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 7Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 8Page - Asahi Kasei Microsystems AP2200B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
[AP2200B]
MS1613-E-01
2014/04
- 5 -
7. Absolute Maximum Ratings
Parameter
Symbol
min
max
Unit
Conditions
Pin voltage Range
(Note 4)
VVIN1
-0.3
1.98
V
(Note 5)
VVIN2
-0.3
5.5
V
(Note 6)
Input power
PIN
-
0.8
W
Storage temperature Range
Tstg
-40
150
°C
Junction temperature
Tj
-30
150
°C
Power dissipation
Pd
-
0.8
W
Note 4. All voltages with respect to ground.
Note 5. VIN pin and VREG pin
Note 6. VCP pin, SEL pin, STBY pin, VB pin, LC pin, VOUT pin and SW pin
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal
operation is not guaranteed at these extremes.
8. Recommended Operating Conditions
Parameter
Symbol
min
typ
max
Unit
Conditions
Supply voltage range
VVIN
0.3
1.6
V
(Note 7)
Operational
temperature
Ta
-30
85
°C
Note 7. All voltages with respect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com