Electronic Components Datasheet Search
  English  ▼

X  

SP431 Datasheet(PDF) 5 Page - Intersil Corporation

Part # SP431
Description  Serial I/O Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

SP431 Datasheet(HTML) 5 Page - Intersil Corporation

  SP431 Datasheet HTML 1Page - Intersil Corporation SP431 Datasheet HTML 2Page - Intersil Corporation SP431 Datasheet HTML 3Page - Intersil Corporation SP431 Datasheet HTML 4Page - Intersil Corporation SP431 Datasheet HTML 5Page - Intersil Corporation SP431 Datasheet HTML 6Page - Intersil Corporation SP431 Datasheet HTML 7Page - Intersil Corporation SP431 Datasheet HTML 8Page - Intersil Corporation SP431 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Writing Coefficients
The HSP43124 provides a register bank to store filter
coefficients for configurations which use the programmable
filter. The register bank consists of 128 thirty-two-bit
registers. Each register is loaded by 4 one byte writes to the
bidirectional interface used for loading the configuration
registers. The coefficients are loaded in order from least
significant byte (LSB) to most significant byte (MSB).
The coefficient registers are loaded by first setting the
coefficient read enable bit to “0” (bit 4 of the Filter
Configuration Register). Next, coefficients are loaded by
setting the A2-0 address to 010 (binary) and writing one byte
at a time as shown in Figure 3. The down loaded bytes are
stored in a holding register until the 4th write cycle. On
completion of the fourth write cycle, the contents of the
holding register are loaded into the Coefficient RAM, and the
write pointer is incremented to the next register. If the user
attempts to write more than 128 coefficients, the pointer
TABLE 1. CONFIGURATION CONTROL REGISTER FUNCTIONAL DESCRIPTION
ADDRESS
REGISTER DESCRIPTION
BIT
POSITIONS
BIT FUNCTION
000
Filter Configuration
2-0
Specifies the number of halfbands to use. Number ranges from 0 to 5. Other
values are invalid.
3
Filter Enable bit. 1 = Enable. 0 = Minimum filter bypass (either the FIR or
HBF must be enabled to get an output).
4
Coefficient read enable. When set to 1, enables reading and disables writing
of coefficient RAM.
NOTE: This bit must be set to 0 prior to writing the
Coefficient RAM.
7-5
FIR Decimation Rate. Range is 1-8 (8 = 000).
001
Programmable FIR Filter Length
7-0
Number of Taps in the Programmable FIR Filter. For even or odd symmetric
filters, values range from 4- 256, 1 to 3 are invalid, and 0000000 = 256. For
asymmetric filters, the value loaded in this register must be two times the ac-
tual number of coefficients.
010
Coefficient RAM Access
7-0
Coefficient RAM is loaded by multiple writes to this address. (See Writing
Coefficients section for additional details.)
011
Input Format
4-0
Number of bits in input data word, from 8 (01000) to 24 (11000). Values out-
side the range of 8 - 24 are invalid.
5
Number System. 0 = Two’s Complement, 1 = Offset Binary.
6
Serial Format. 1 = MSB First, 0 = LSB First.
7
Unused
100
Output Timing
4-0
Number of FCLKS per CLKOUT. Range 1 to 32. (00000 = 32 FCLKS)
5
1 = MSB First, 0 = LSB First.
6-7
Unused
101
Output Format
4-0
Number of bits in output data word, from 8 to 32. A value of 32 is represented
by 00000, and values from 1 to 7 are invalid.
5
Round Select. 1 = Round to Selected Number of Bits, 0 = Truncate.
6
Number System. 0 = Two’s Complement, 1 = Offset Binary.
7
Gain Correction. 1 = Apply scale factor of 2 to data. 0 = No Scaling.
110
Filter Symmetry
1-0
00 = Even Symmetric FIR Coefficients
01 = Non-Symmetric Coefficients
10 = Odd Symmetric FIR
7-2
Reserved: Must be 0.
111
Mix Factor Format
4-0
Number of bits in mix factor, from 8 (01000) to 24 (11000). Values outside
the range of 8 - 24 are invalid.
5
Serial Format. 1 = MSB First, 0 = LSB First.
6
Mix Factor Select. 1 = Serial Input, 0 = Weaver modulator look-up-table.
7
Unused
HSP43124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com