Electronic Components Datasheet Search
  English  ▼

X  

SP431 Datasheet(PDF) 7 Page - Intersil Corporation

Part # SP431
Description  Serial I/O Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

SP431 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button SP431 Datasheet HTML 3Page - Intersil Corporation SP431 Datasheet HTML 4Page - Intersil Corporation SP431 Datasheet HTML 5Page - Intersil Corporation SP431 Datasheet HTML 6Page - Intersil Corporation SP431 Datasheet HTML 7Page - Intersil Corporation SP431 Datasheet HTML 8Page - Intersil Corporation SP431 Datasheet HTML 9Page - Intersil Corporation SP431 Datasheet HTML 10Page - Intersil Corporation SP431 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
in Figure 7. On the following SCLK, the first data bit is
clocked into the Variable Length Shift Register. Data bits are
clocked into the shift register until the data word, of user
programmable length (8 to 24 bits), is complete. At this point,
the shifting of data into the register is disabled and its
contents are held until SYNCIN is asserted on the rising
edge of SCLK. When this occurs, the contents of the
Variable Length Shift Register are transferred to the Input
Holding Register, and the shift register is enabled to accept
serial data on the following SCLK. The serial data word may
be two’s complement or offset binary and may be input most
significant bit (MSB) first or least significant bit (LSB) first as
defined in the Input Format Register (see Table 1). If a data
word is specified to be less than 24 bits, the least significant
bits of the Input Holding Register are zeroed.
NOTE: SYNCIN should not be “high” for longer than
one SCLK cycle.
Mix Factor
The HSP43124 provides a second serial interface for
loading values which are multiplied by the input samples in
the serial multiplier. These values, or mix factors, are input
using the MXIN and SYNCMX pins. Aside from being used
as a serial input, this interface can also be used to select mix
factors from the Weaver Modulator ROM. The mix factor
source is specified in the Mix Factor Format Register (see
Table 1).
NOTE: Data is passed unmodified through the
serial multiplier by selecting the Weaver Modulation ROM
as the mix factor source and tying both SYNCMX and
MXIN “high”.
The procedure for loading serial mix factors is similar to that
for the loading of data via the DIN input. The bit value
present on MXIN is clocked into the Variable Length Shift
register by the rising edge of SCLK. The beginning of the
serial word is designated by the assertion of SYNCMX one
SCLK prior to the first bit of the serial word as shown in
Figure 7. After the serial word has been clocked into the shift
register, the shifting of bits into the register is disabled and
its contents are held until the next assertion of SYNCMX.
When SYNCMX is asserted on the rising edge of SCLK, the
contents of the Variable Length Shift register are transferred
into the Mix Factor Holding Register. The parallel output of
the Mix Factor Holding Register feeds directly into the serial
multiplier. The mix factor data word is programmable in
length from 8 to 24 bits and may be input MSB or LSB first
as specified in the Mix Factor Format Register. If a data word
is specified to be less than 24 bits, the least significant bits of
the Mix Factor Holding Register are zeroed.
The MXIN and SYNCMX inputs can function as two pin
interfaces to Weaver Modulator ROM addresses. Used in
proper sequence, down conversion by FS/4 can be achieved.
These inputs are latched on the rising edge of SCLK when
SYNCIN is high as shown in Figure 9. The mapping of
SYNCIN and MXIN to ROM outputs is given in Table 2.
When SYNCIN is high on the rising edge of SCLK, the
output of the ROM is transferred to the Mix Factor holding
register, and the SYNCMX and MXIN inputs are decoded to
produce a new ROM output. As a result, there is a latency of
one SYNCIN cycle between when the SYNCMX and MXIN
inputs are decoded and when the ROM output is loaded into
the Mix Factor Holding register.
Serial Multiplier
The Serial Multiplier multiplies the Mix Factor Holding
register by the contents of the Input Holding register. The
multiplication cycle is initiated when SYNCIN is sampled
high by the rising edge of SCLK. This transfers the contents
of the Variable Length Shift register to the Input Holding
Register, and loads the output of the Mix Factor Holding
Register into the Serial Multiplier. On subsequent SCLKs,
the contents of the Input Holding Register are shifted into the
Serial Multiplier for processing. When the last data bit is
shifted into the multiplier, the multiplication cycle is complete
and the result is written to the Register File on the next rising
edge of FCLK.
The synchronization between a data sample and the mix
factor it is to be multiplied by is dependent on which mix
factor source is specified. For mix factors which are input
serially, the mix factor is loaded concurrently with the data
sample to be multiplied (see Figure 8).
DIN/
LSB
LSB
SCLK
SYNCIN/
SYCNMX
MXIN
NOTE: Assumes data is being loaded LSB first.
FIGURE 7. SERIAL INPUT TIMING FOR EITHER DIN OR MXIN
INPUTS
SYNC LEADS DATA
TABLE 2. WEAVER MODULATOR ROM DECODING
SYNCMX
MXIN
MIX FACTOR
000
01
-1
100
111
HSP43124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com