Electronic Components Datasheet Search
  English  ▼

X  

SP431 Datasheet(PDF) 9 Page - Intersil Corporation

Part # SP431
Description  Serial I/O Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

SP431 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button SP431 Datasheet HTML 5Page - Intersil Corporation SP431 Datasheet HTML 6Page - Intersil Corporation SP431 Datasheet HTML 7Page - Intersil Corporation SP431 Datasheet HTML 8Page - Intersil Corporation SP431 Datasheet HTML 9Page - Intersil Corporation SP431 Datasheet HTML 10Page - Intersil Corporation SP431 Datasheet HTML 11Page - Intersil Corporation SP431 Datasheet HTML 12Page - Intersil Corporation SP431 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FIGURE 10A. BLOCK DIAGRAM OF FIXED COEFFICIENT
HALFBAND FILTERS
BITS2-0
100
0
1
11
1
101
1
1
11
1
010
0
0
01
1
011
0
0
11
1
000
0
0
00
0
001
0
0
00
1
MUX1 = (BIT2 AND BIT0) AND BIT1
MUX2 = BIT2
MUX3 = (BIT1 AND BIT0) OR BIT2
MUX4 = BIT1 OR BIT2
MUX5 = BIT0 OR BIT1 OR BIT2
INVALID = BIT2 AND BIT1
MULTIPLEXERS’ DECODER TABLE AND EQUATIONS
MUX5
MUX4
MUX3
MUX2
MUX1
HB5
HB4
HB3
HB2
HB1
INPUT TO
FNORMALIZED = Fs
Fs
FHB1= Fs or Fs/2
Fs/2
FHB1/2
FHB2 = FHB1 or FHB1/2
FNORMALIZED = FHB1
FHB3 = FHB2 or FHB2/2
FHB2/2
FNORMALIZED = FHB2
FHB3/2
FNORMALIZED = FHB3
FHB4 = FHB3 or FHB3/2
FHB4/2
FNORMALIZED = FHB4
OUTPUT OF
HALFBAND SECTION
HALFBAND
SECTION
01
MUX5
MUX4
MUX3
MUX2
MUX1
01
01
01
01
35 TAP
23 TAP
19 TAP
11 TAP
7 TAP
FIGURE 10B. SPECTRAL COMPOSITION OF FIVE CASCADED
HALFBANDS
FIGURE 10C. COMPOSITE RESPONSE OF FIXED COEFFI-
CIENT HALFBAND FILTERS WITH RESPECT TO
THE NORMALIZED FREQUENCY SHOWN IN FIG-
URE 10A
FCLK
4
FCLK
2
3FCLK
4
FCLK
FCLK
2
FCLK
2
FS
2
FS
2
FCLK
4
FCLK
4
FCLK
4
FCLK
4
FCLK
8
FCLK
8
FCLK
8
FCLK
8
FCLK
16
FCLK
FCLK
FCLK
FCLK
FCLK
FCLK
32
FCLK
32
FCLK
64
FCLK
64
STAGE 1
STAGE 2
STAGE 3
STAGE 4
STAGE 5
POSITE
FILTER
FCLK
16
COM-
-120
-140
-160
-180
-200
0
0.125
0.25
0.375
0.5
-60
-40
-20
-80
-100
6dB BANDWIDTH
HB1 TRANSITION BW
NORMALIZED FREQUENCY
HB2
HB3
HB4
HB5
(NORMALIZED TO OUTPUT FREQUENCY)
HSP43124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com