Electronic Components Datasheet Search
  English  ▼

X  

SP431 Datasheet(PDF) 8 Page - Intersil Corporation

Part # SP431
Description  Serial I/O Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

SP431 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button SP431 Datasheet HTML 4Page - Intersil Corporation SP431 Datasheet HTML 5Page - Intersil Corporation SP431 Datasheet HTML 6Page - Intersil Corporation SP431 Datasheet HTML 7Page - Intersil Corporation SP431 Datasheet HTML 8Page - Intersil Corporation SP431 Datasheet HTML 9Page - Intersil Corporation SP431 Datasheet HTML 10Page - Intersil Corporation SP431 Datasheet HTML 11Page - Intersil Corporation SP431 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
NOTE: Figure 8 shows the loading of a data sample, X0, such
that it will be multiplied by a mix factor designated by M0. For
mix factor bit widths which are less than the input bit width,
SYNCMX may be asserted before SYNCIN if desired.
If the mix factor is generated by the Weaver Modulator ROM,
the mix factor must be specified on MXIN and SYNCMX one
SYNCIN before that which precedes the target data word
(see Figure 9).
Filter Compute Engine
The Filter Compute Engine centers around a multiply
accumulator which is used to perform the sum-of-products
required for a variety of filtering configurations. These
configurations include a cascade of up to 5 halfband filters, a
single symmetric filter of up to 256 taps, a single asymmetric
filter of up to 128 taps, or a cascade of halfband filters
followed by a programmable filter. The filter configuration is
specified by programming the Filter Configuration Register
(see Table 1).
The cascade of up to five halfband filters is an efficient
decimating filter structure. Each fixed coefficient filter in the
chain introduces a decimation of two, and the aggregate
decimation rate of the entire halfband filtering stage is given
by:
Thus, a cascade of 3 halfband filters would decimate the
input sample stream by a factor of 8.
Figure 10A is a block diagram of the halfband filter section.
The normalized frequencies for each halfband stage is
labeled. Figure 10B is an illustration of a cascaded filter
composed of five halfband filters. The final stage filter output
is clocked at FCLK/32. Since the output of each filter is at
half the rate of the input, the five halfband filter passband
characteristics can be viewed on a single plot whose X axis
is normalized to the filter output clock rate. Notice that all
halfband filters, by design, have 120dB passbands that are
less than the output rate divided by 2. Since the alias profile
is well below -120dB in the filter passband, alias concerns
are eliminated. The frequency responses of the five filters
are presented graphically in Figure 10C and in tabular form
in Table 3. Notice that the 6dB passband bandwidth (F =
0.25) is identical for all five halfband filters. The width of the
transition band, however, is different for each filter. The
transition band for the fifth halfband filter, HB5, is the
narrowest while that for the first halfband filter, HB1, is the
widest. The cascade of the halfband filters always
terminates with HB5 and is preceded by filters in order of
increasing transition bandwidth. For example, if the
HSP43124 is configured to operate with three halfbands, the
chain of filters would consist of HB3 followed by HB4 and
terminated with HB5. If only one halfband is selected, HB5 is
used.
DIN
SCLK
SYNCIN
SYNCMX
MXIN
LSB
LSB
X0
M0
MSB
LSB
LSB
MSB
FIGURE 8. DATA/MIX FACTOR SYNCHRONIZATION FOR
SERIALLY INPUT MIX FACTORS
SYNC LEADS DATA
DIN
SCLK
SYNCIN
X0
SYCNMX/
MXIN
M0
MSB
LSB
LSB
FIGURE 9. DATA/MIX FACTOR SYNCHRONIZATION WEAVER
MODULATOR MIX FACTORS
SYNC LEADS DATA
DECHB = 2
(NUMBER OF HALFBAND FILTERS SELECTED)
(EQ. 1)
HSP43124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com