Electronic Components Datasheet Search
  English  ▼

X  

SP431 Datasheet(PDF) 1 Page - Intersil Corporation

Part # SP431
Description  Serial I/O Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

SP431 Datasheet(HTML) 1 Page - Intersil Corporation

  SP431 Datasheet HTML 1Page - Intersil Corporation SP431 Datasheet HTML 2Page - Intersil Corporation SP431 Datasheet HTML 3Page - Intersil Corporation SP431 Datasheet HTML 4Page - Intersil Corporation SP431 Datasheet HTML 5Page - Intersil Corporation SP431 Datasheet HTML 6Page - Intersil Corporation SP431 Datasheet HTML 7Page - Intersil Corporation SP431 Datasheet HTML 8Page - Intersil Corporation SP431 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
File Number
3555.6
HSP43124
Serial I/O Filter
The Serial I/O Filter is a high performance filter engine that is
ideal for off loading the burden of filter processing from a
DSP microprocessor. It supports a variety of multistage filter
configurations based on a user programmable filter and fixed
coefficient halfband filters. These configurations include a
programmable FIR filter of up to 256 taps, a cascade of from
one to five halfband filters, or a cascade of halfband filters
followed by a programmable FIR. The half band filters each
decimate by a factor of two, and the FIR filter decimates from
one to eight. When all six filters are selected, a maximum
decimation of 256 is provided.
For digital tuning applications, a separate multiplier is
provided which allows the incoming data stream to be
multiplied, or mixed, by a user supplied mix factor. A two pin
interface is provided for serially loading the mix factor from
an external source or selecting the mix factor from an on-
board ROM. The on-board ROM contains samples of a
sinusoid capable of spectrally shifting the input data by one
quarter of the sample rate, FS/4. This allows the chip to
function as a digital down converter when the filter stages
are configured as a low-pass filter.
The serial interface for
3- input and output data is compatible
with the serial ports of common DSP microprocessors.
Coefficients and configuration data are loaded over a
bidirectional eight bit interface.
Features
• 45MHz Clock Rate
• 256 Tap Programmable FIR Filter
• 24-Bit Data, 32-Bit Coefficients
• Cascade of up to 5 Half Band Filters
• Decimation from 1 to 256
• Two Pin Interface for Down Conversion by FS/4
• Multiplier for Mixing or Scaling Input with an External
Source
• Serial I/O Compatible with Most DSP Microprocessors
Applications
• Low Cost FIR Filter
• Filter Co-Processor
• Digital Tuner
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HSP43124PC-45
0 to 70
28 Ld PDIP
E28.6
HSP43124PC-33
0 to 70
28 Ld PDIP
E28.6
HSP43124SC-45
0 to 70
28 Ld SOIC
M28.3
HSP43124SC-33
0 to 70
28 Ld SOIC
M28.3
HSP43124SI-40
-40 to 85
28 Ld SOIC
M28.3
DIN
SCLK
SYNCIN
MXIN
SYNCMX
DOUT
SYNCOUT
CLKOUT
CONTROL
INTERFACE
HALF
BAND
FILTER
#5
HALF
BAND
FILTER
#2
HALF
BAND
FILTER
#1
Data Sheet
May 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - SP431

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
SYNC POWER Crop.
SP431 SYNC-POWER-SP431 Datasheet
281Kb / 12P
High Voltage Adjustable Precision Shunt Regulators
SP431A SYNC-POWER-SP431A Datasheet
281Kb / 12P
High Voltage Adjustable Precision Shunt Regulators
SP431AS23RGB SYNC-POWER-SP431AS23RGB Datasheet
388Kb / 14P
High Voltage Adjustable Precision Shunt Regulators
SP431AS89RGB SYNC-POWER-SP431AS89RGB Datasheet
388Kb / 14P
High Voltage Adjustable Precision Shunt Regulators
More results

Similar Description - SP431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6350 NJRC-NJU6350 Datasheet
87Kb / 9P
SERIAL I/O REAL TIME CLOCK
NJU6355 NJRC-NJU6355 Datasheet
62Kb / 6P
SERIAL I/O REAL TIME CLOCK
logo
Winbond
W83787IF WINBOND-W83787IF Datasheet
1Mb / 123P
WINBOND I/O WITH SERIAL-INFRARED SUPPORT
logo
New Japan Radio
NJU6356 NJRC-NJU6356 Datasheet
72Kb / 6P
SERIAL I/O REAL TIME CLOCK
logo
Intersil Corporation
HSP43124 INTERSIL-HSP43124_07 Datasheet
525Kb / 18P
Serial I/O Filter
April 18, 2007
logo
Contec Co., Ltd
COM-2DL-PCI CONTEC-COM-2DL-PCI Datasheet
70Kb / 3P
PCI ?밹ompliant I/O RS-422A/485 2ch Serial I/O board
COM-4DL-PCI CONTEC-COM-4DL-PCI Datasheet
86Kb / 3P
PCI ?밹ompliant I/O RS-422A/485 4ch Serial I/O board
CPS-COM-1PC CONTEC-CPS-COM-1PC Datasheet
514Kb / 2P
Serial I/O Module
CPS-COM-1PD CONTEC-CPS-COM-1PD Datasheet
588Kb / 2P
Serial I/O Module
logo
Renesas Technology Corp
HSP43124 RENESAS-HSP43124 Datasheet
604Kb / 18P
Serial I/O Filter
April 18, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com