Electronic Components Datasheet Search
  English  ▼

X  

ADN2811 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN2811
Description  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 5 Page - Analog Devices

  ADN2811 Datasheet HTML 1Page - Analog Devices ADN2811 Datasheet HTML 2Page - Analog Devices ADN2811 Datasheet HTML 3Page - Analog Devices ADN2811 Datasheet HTML 4Page - Analog Devices ADN2811 Datasheet HTML 5Page - Analog Devices ADN2811 Datasheet HTML 6Page - Analog Devices ADN2811 Datasheet HTML 7Page - Analog Devices ADN2811 Datasheet HTML 8Page - Analog Devices ADN2811 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADN2811
Rev. B | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Ratings
Supply Voltage (VCC)
5.5 V
Minimum Input Voltage (All Inputs)
VEE − 0.4 V
Maximum Input Voltage (All Inputs)
VCC + 0.4 V
Maximum Junction Temperature
165°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering 10 Sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Thermal Resistance
48-lead LFCSP, 4-layer board with exposed paddle soldered
to VCC
θJA = 25°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com