Electronic Components Datasheet Search
  English  ▼

X  

ADN2811 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN2811
Description  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN2811 Datasheet HTML 4Page - Analog Devices ADN2811 Datasheet HTML 5Page - Analog Devices ADN2811 Datasheet HTML 6Page - Analog Devices ADN2811 Datasheet HTML 7Page - Analog Devices ADN2811 Datasheet HTML 8Page - Analog Devices ADN2811 Datasheet HTML 9Page - Analog Devices ADN2811 Datasheet HTML 10Page - Analog Devices ADN2811 Datasheet HTML 11Page - Analog Devices ADN2811 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADN2811
Rev. B | Page 8 of 20
DEFINITION OF TERMS
MAXIMUM, MINIMUM, AND TYPICAL
SPECIFICATIONS
Specifications for every parameter are derived from statistical
analyses of data taken on multiple devices from multiple wafer
lots. Typical specifications are the mean of the distribution of
the data for that parameter. If a parameter has a maximum (or a
minimum), that value is calculated by adding to (or subtracting
from) the mean six times the standard deviation of the
distribution. This procedure is intended to tolerate production
variations. If the mean shifts by 1.5 standard deviations, the
remaining 4.5 standard deviations still provide a failure rate of
only 3.4 parts per million. For all tested parameters, the test
limits are guardbanded to account for tester variation and
therefore guarantee that no device is shipped outside of data
sheet specifications.
INPUT SENSITIVITY AND INPUT OVERDRIVE
Sensitivity and overdrive specifications for the quantizer involve
offset voltage, gain, and noise. The relationship between the
logic output of the quantizer and the analog voltage input is
shown in Figure 6. For a sufficiently large positive input voltage,
the output is always Logic 1; similarly for negative inputs, the
output is always Logic 0. However, the transitions between
output Logic Levels 1 and 0 are not at precisely defined input
voltage levels but occur over a range of input voltages. Within
this zone of confusion, the output may be either 1 or 0, or it may
even fail to attain a valid logic state. The width of this zone is
determined by the input voltage noise of the quantizer. The
center of the zone of confusion is the quantizer input offset
voltage. Input overdrive is the magnitude of signal required to
guarantee the correct logic level with 1 × 10−10 confidence level.
0
1
INPUT (V p-p)
OUTPUT
NOISE
SENSITIVITY
(2
× OVERDRIVE)
OFFSET
OVERDRIVE
Figure 6. Input Sensitivity and Input Overdrive
SINGLE-ENDED VS. DIFFERENTIAL
AC-coupling is typically used to drive the inputs to the
quantizer. The inputs are internally dc biased to a common-
mode potential of ~0.6 V. Driving the ADN2811 single-ended
and observing the quantizer input with an oscilloscope probe at
the point indicated in Figure 7 shows a binary signal with an
average value equal to the common-mode potential and
instantaneous values both above and below the average value. It
is convenient to measure the peak-to-peak amplitude of this
signal and call the minimum required value the quantizer
sensitivity. Referring to Figure 6, since both positive and
negative offsets need to be accommodated, the sensitivity is
twice the overdrive.
50
Ω
50
Ω
QUANTIZER
+
ADN2811
VREF
PIN
SCOPE
PROBE
VREF
10mV p-p
Figure 7. Single-Ended Sensitivity Measurement
50
Ω
50
Ω
QUANTIZER
+
ADN2811
VREF
NIN
PIN
SCOPE
PROBE
VREF
5mV p-p
Figure 8. Differential Sensitivity Measurement
Driving the ADN2811 differentially (see Figure 8), sensitivity
seems to improve by observing the quantizer input with an
oscilloscope probe. This is an illusion caused by the use of a
single-ended probe. A 5 mV p-p signal appears to drive the
ADN2811 quantizer. However, the single-ended probe measures
only half the signal. The true quantizer input signal is twice this
value since the other quantizer input is complementary to the
signal being observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com