Electronic Components Datasheet Search
  English  ▼

X  

ADN2811 Datasheet(PDF) 14 Page - Analog Devices

Part # ADN2811
Description  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADN2811 Datasheet HTML 10Page - Analog Devices ADN2811 Datasheet HTML 11Page - Analog Devices ADN2811 Datasheet HTML 12Page - Analog Devices ADN2811 Datasheet HTML 13Page - Analog Devices ADN2811 Datasheet HTML 14Page - Analog Devices ADN2811 Datasheet HTML 15Page - Analog Devices ADN2811 Datasheet HTML 16Page - Analog Devices ADN2811 Datasheet HTML 17Page - Analog Devices ADN2811 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADN2811
Rev. B | Page 14 of 20
50
Ω
50
Ω
QUANTIZER
+
ADN2811
VREF
NIN
PIN
50
Ω
50
Ω
VCC
TDINP/N
LOOPEN
BYPASS
CDR
RETIMED
DATA
CLK
0
1
10
DATAOUTP/N
CLKOUTP/N SQUELCH
FROM
QUANTIZER
OUTPUT
Figure 18. Test Modes
SQUELCH MODE
When the squelch input is driven to a TTL high state, both the
clock and data outputs are set to the zero state to suppress
downstream processing. If desired, this pin can be directly
driven by the LOS detector output, SDOUT. If the squelch
function is not required, the pin should be tied to VEE.
TEST MODES: BYPASS AND LOOPBACK
When the bypass input is driven to a TTL high state, the
quantizer output is connected directly to the buffers driving the
data out pins, thus bypassing the clock recovery circuit (see
Figure 18). This feature can help the system deal with
nonstandard bit rates.
The loopback mode can be invoked by driving the LOOPEN
pin to a TTL high state, which facilitates system diagnostic
testing. This connects the test inputs (TDINP/N) to the clock
and data recovery circuit (per Figure 18). The test inputs have
internal 50 Ω terminations and can be left floating when not in
use. TDINP/N are CML inputs and can only be dc-coupled
when being driven by CML outputs. The TDINP/N inputs must
be ac-coupled if being driven by anything other than CML
outputs. Bypass and loopback modes are mutually exclusive.
Only one of these modes can be used at any given time. The
ADN2811 is put into an indeterminate state if the BYPASS and
LOOPEN pins are set to Logic 1 at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com