Electronic Components Datasheet Search
  English  ▼

X  

ADN2811 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2811
Description  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 1 Page - Analog Devices

  ADN2811 Datasheet HTML 1Page - Analog Devices ADN2811 Datasheet HTML 2Page - Analog Devices ADN2811 Datasheet HTML 3Page - Analog Devices ADN2811 Datasheet HTML 4Page - Analog Devices ADN2811 Datasheet HTML 5Page - Analog Devices ADN2811 Datasheet HTML 6Page - Analog Devices ADN2811 Datasheet HTML 7Page - Analog Devices ADN2811 Datasheet HTML 8Page - Analog Devices ADN2811 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
OC-48/OC-48 FEC Clock and Data Recovery
IC with Integrated Limiting Amp
ADN2811
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Meets SONET requirements for jitter transfer/generation/
tolerance
Quantizer sensitivity: 4 mV typical
Adjustable slice level: ±100 mV
1.9 GHz minimum bandwidth
Patented clock recovery architecture
Loss of signal detect range: 3 mV to 15 mV
Single reference clock frequency for both native SONET and
15/14 (7%) wrapper rate
Choice of 19.44 MHz, 38.88 MHz, 77.76 MHz, or 155.52 MHz
REFCLK
LVPECL/LVDS/LVCMOS/LVTTL compatible inputs
(LVPECL/LVDS only at 155.52 MHz)
19.44 MHz on-chip oscillator to be used with external crystal
Loss of lock indicator
Loopback mode for high speed test data
Output squelch and bypass features
Single-supply operation: 3.3 V
Low power: 540 mW typical
7 mm × 7 mm, 48-lead LFCSP
APPLICATIONS
SONET OC-48, SDH STM-16, and 15/14 FEC
WDM transponders
Regenerators/repeaters
Test equipment
Backplane applications
PRODUCT DESCRIPTION
The ADN2811 provides the receiver functions of quantization,
signal level detect, and clock and data recovery at OC-48 and
OC-48 FEC rates. All SONET jitter requirements are met,
including jitter transfer, jitter generation, and jitter tolerance. All
specifications are quoted for −40°C to +85°C ambient
temperature, unless otherwise noted.
The device is intended for WDM system applications and can
be used with either an external reference clock or an on-chip
oscillator with external crystal. Both the 2.48 Gb/s and
2.66 Gb/s digital wrapper rates are supported by the ADN2811,
without any change of reference clock.
This device, together with a PIN diode and a TIA preamplifier,
can implement a highly integrated, low cost, low power, fiber
optic receiver.
The receiver front end signal detect circuit indicates when the
input signal level has fallen below a user-adjustable threshold.
The signal detect circuit has hysteresis to prevent chatter at the
output.
The ADN2811 is available in a compact, 7 mm × 7 mm, 48-lead
chip scale package.
FUNCTIONAL BLOCK DIAGRAM
LEVEL
DETECT
DATA
RETIMING
FRACTIONAL
DIVIDER
FREQUENCY
LOCK
DETECTOR
LOOP
FILTER
PHASE
SHIFTER
PHASE
DET.
VCO
XTAL
OSC
LOOP
FILTER
QUANTIZER
/n
ADN2811
SLICEP/N
VCC
VEE
CF1
CF2
LOL
REFSEL[0..1]
REFCLKP/N
XO1
XO2
REFSEL
RATE
CLKOUTP/N
DATAOUTP/N
SDOUT
THRADJ
VREF
NIN
PIN
2
2
2
2
2
Figure 1.


Similar Part No. - ADN2811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
12/02-Data Sheet changed from REV. 0 to REV. A.
ADN2811 AD-ADN2811 Datasheet
340Kb / 20P
OC-48/OC-48 FEC Clock and Data Recovery
Rev. C
ADN2811ACP-CML AD-ADN2811ACP-CML Datasheet
359Kb / 16P
OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
12/02-Data Sheet changed from REV. 0 to REV. A.
ADN2811ACP-CML-RL AD-ADN2811ACP-CML-RL Datasheet
359Kb / 16P
OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
12/02-Data Sheet changed from REV. 0 to REV. A.
ADN2811ACPZ-CML AD-ADN2811ACPZ-CML Datasheet
340Kb / 20P
OC-48/OC-48 FEC Clock and Data Recovery
Rev. C
More results

Similar Description - ADN2811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
12/02-Data Sheet changed from REV. 0 to REV. A.
logo
Integrated Device Techn...
IDT5T929 IDT-IDT5T929 Datasheet
60Kb / 8P
PRECISION CLOCK GENERATOR OC-48 APPLICATIONS
logo
Filtronic Compound Semi...
OC48 FILTRONIC-OC48 Datasheet
24Kb / 2P
OC 48 & OC 192 PHASE SHIFTER FOR CLOCK & DATA RECOVERY 6705 K
logo
Vitesse Semiconductor C...
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
logo
Applied Micro Circuits ...
CS4815 AMCC-CS4815 Datasheet
181Kb / 3P
OC-48/12/3 DW/FEC/PM and ASYNC Mapper Device with Strong FEC
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5018 SILABS-SI5018 Datasheet
211Kb / 22P
SiPHY??OC-48/STM-16 CLOCK AND DATA RECOVERY IC WITH FEC
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX_10 Datasheet
564Kb / 18P
SONET OC-48 Transceiver
logo
OPLINK Communications I...
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
OC-48/STM-16 Receiver with Clock Recovery
SRX48-0415 OPLINK-SRX48-0415 Datasheet
665Kb / 4P
OC-48/STM-16 Receiver without Clock Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com