Electronic Components Datasheet Search
  English  ▼

X  

ADN2811 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN2811
Description  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN2811 Datasheet HTML 2Page - Analog Devices ADN2811 Datasheet HTML 3Page - Analog Devices ADN2811 Datasheet HTML 4Page - Analog Devices ADN2811 Datasheet HTML 5Page - Analog Devices ADN2811 Datasheet HTML 6Page - Analog Devices ADN2811 Datasheet HTML 7Page - Analog Devices ADN2811 Datasheet HTML 8Page - Analog Devices ADN2811 Datasheet HTML 9Page - Analog Devices ADN2811 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADN2811
Rev. B | Page 6 of 20
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
PIN 1
INDICATOR
TOP VIEW
ADN2811
THRADJ 1
VCC 2
VEE 3
VREF 4
PIN 5
NIN 6
SLICEP 7
SLICEN 8
VEE 9
LOL 10
XO1 11
XO2 12
36 VCC
35 VCC
34 VEE
33 VEE
32 NC
31 NC
30 RATE
29 VEE
28 VCC
27 VEE
26 VCC
25 CF2
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
THRADJ
AI
LOS Threshold Setting Resistor.
2, 26, 28, Pad
VCC
P
Analog Supply.
3, 9, 16, 19, 22, 27,
29, 33, 34, 42, 43, 46
VEE
P
Ground.
4
VREF
AO
Internal VREF Voltage. Decouple to GND with a 0.1 µF capacitor.
5
PIN
AI
Differential Data Input. CML.
6
NIN
AI
Differential Data Input. CML.
7
SLICEP
AI
Differential Slice Level Adjust Input.
8
SLICEN
AI
Differential Slice Level Adjust Input.
10
LOL
DO
Loss of Lock Indicator. LVTTL active high.
11
XO1
AO
Crystal Oscillator.
12
XO2
AO
Crystal Oscillator.
13
REFCLKN
DI
Differential REFCLK Input. LVTTL, LVCMOS, LVPECL, LVDS (LVPECL, LVDS only at 155.52 MHz).
14
REFCLKP
DI
Differential REFCLK Input. LVTTL, LVCMOS, LVPECL, LVDS (LVPECL, LVDS only at 155.52 MHz).
15
REFSEL
DI
Reference Source Select. 0 = on-chip oscillator with external crystal; 1 = external clock source, LVTTL.
17
TDINP
AI
Differential Test Data Input.
18
TDINN
AI
Differential Test Data Input.
20, 47
VCC
P
Digital Supply.
21
CF1
AO
Frequency Loop Capacitor.
23
REFSEL1
DI
Reference Frequency Select (See Table 5) LVTTL.
24
REFSEL0
DI
Reference Frequency Select (See Table 5) LVTTL.
25
CF2
AO
Frequency Loop Capacitor.
30
RATE
DI
Data Rate Select (See Table 4) LVTTL.
31, 32
NC
DI
No Connect.
35, 36
VCC
P
Output Driver Supply.
37
DATAOUTN
DO
Differential Retimed Data Output. CML.
38
DATAOUTP
DO
Differential Retimed Data Output. CML.
39
SQUELCH
DI
Disable Clock and Data Outputs. Active high. LVTTL.
40
CLKOUTN
DO
Differential Recovered Clock Output. CML.
41
CLKOUTP
DO
Differential Recovered Clock Output. CML.
44
BYPASS
DI
Bypass CDR Mode. Active high. LVTTL.
45
SDOUT
DO
Loss of Signal Detect Output. Active high. LVTTL.
48
LOOPEN
DI
Enable Test Data Inputs. Active high. LVTTL.
1 Type: P = Power, AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com