Electronic Components Datasheet Search
  English  ▼

X  

UPC7073 Datasheet(PDF) 5 Page - NEC

Part # UPC7073
Description  UPC7073 ANALOG SUBSCRIBER LINE LSI BS-SLIC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC7073 Datasheet(HTML) 5 Page - NEC

  UPC7073 Datasheet HTML 1Page - NEC UPC7073 Datasheet HTML 2Page - NEC UPC7073 Datasheet HTML 3Page - NEC UPC7073 Datasheet HTML 4Page - NEC UPC7073 Datasheet HTML 5Page - NEC UPC7073 Datasheet HTML 6Page - NEC UPC7073 Datasheet HTML 7Page - NEC UPC7073 Datasheet HTML 8Page - NEC UPC7073 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
µPC7073
5
1.
PIN FUNCTIONS
Number
Pin Name
I/O
Function
1-3
DCOUT1-DCOUT3
O
DC feedback control output
[to the
µPD9903’s pin 48-46]
4, 5
DCIN1, DCIN2
I
DC feedback control input
[to the
µPD9903’s pin 45, 44]
6BBOUT
OVBB voltage information output
[to the
µPD9903’s pin 43]
7
ASCN
O
Tip-Ring difference current detection signal output
[to the
µPD9903’s pin 42]
8
AGDT
O
Tip-Ring sum current detection signal output
[to the
µPD9903’s pin 41]
9
BIAS
I
Bias level input. Connect to
µPD9903’s AIN pin
[to the
µPD9903’s pin 40]
10
RX
I
Receiving input for 4W side
[to the
µPD9903’s pin 39]
11
ACOM
I
Signal reference voltage (2.4 V TYP) input for 4W side [to the
µPD9903’s pin 37, 38]
12-14, 16,
NC
–
No-connection pins. Leave these pins unconnected.
26, 28, 30,
39, 41, 43
15
GND1
–
Ground pin 1, for circuit grounding
17
PD
I
Power-down control
H: Power-up
TTL level
L: Power-down
[to the
µPD9903’s pin 32]
18
ALM
I
Ground-fault/power line contact protection mode select input
H: Protect mode
TTL level
L: Normal feed
[to the
µPD9903’s pin 31]
19
BCUT
I
Feed-out select input
H: Feed-out
TTL level
L: Normal feed
[to the
µPD9903’s pin 30]
20
RC1
I
Relay control for ringer transmission, high active
[to the
µPD9903’s pin 29]
21
RC2
I
Relay control for line test, high active
[to the
µPD9903’s pin 28]
22
RC3
I
Relay control for network test, high active
[to the
µPD9903’s pin 27]
23
VBB
–
Negative power supply (–48 V)
24
TEF
O
Feed resistor pin connection for Tip side during ground-fault/power line contact
detection
25
RY1
O
Relay control for ringer transmission, open collector
27
RY2
O
Relay control for line testing, open collector
29
RY3
O
Relay control for network testing, open collector
31
GND2
–
Ground pin 2, relay driver
32
REF
O
Ring feed resistor pin connection for ground-fault/power line contact detection
33
OPIN+
I
TTX (Teletax) signal cancel circuit input pin (+)
34
OPIN–
I
TTX signal cancel circuit input pin (–)
35
TX
O
Transmission output for 4W side. Connect with BIAS pin via CAC capacitor.
36
CDC
–
Connect to DC feedback capacitor
Connect CDC capacitor to this pin
37
TB
O
Tip-side auxiliary power transistor base connection pin
38
TE
O
Tip-side feed amplifier output pin. Connect with TS pin via RFT resistor.
40
TS
I/O
Tip pin for 2W side
42
RS
I/O
Ring pin for 2W side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20