| Electronic Components Datasheet Search |
|
UPC7073 Datasheet(PDF) 11 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC7073 Datasheet(HTML) 11 Page - NEC |
|
11 / 20 page ![]() µPC7073 11 Parameter Symbol Conditions MIN. TYP. MAX. Units Loop detection operating RON1 Includes termination 200 Ω feed 2500 Ω resistance (during normal resistance 400 Ω feed 2100 transmission) Loop detection non-operating 200 Ω feed 3900 resistance (during normal 400 Ω feed 3500 transmission) Loop detection operating RON2 Includes termination 200 Ω feed 1900 Ω resistance (during on-hook resistance 400 Ω feed 1500 transmission) Loop detection non-operating 200 Ω feed 2840 resistance (during on-hook 400 Ω feed 2440 transmission) Loop release non-operating RON3 Includes termination 200 Ω feed 2960 Ω resistance resistance 400 Ω feed 2560 Loop release operating 200 Ω feed 4540 resistance 400 Ω feed 4140 Ground detection 1 (C/O) RON4 Includes termination resistance 5.2 k Ω operating resistance Ground detection 1 (C/O) 20 non-operating resistance Ground-fault/power line RON6 Includes termination ILMAX = 45/76 mA 340 Ω contact detection resistance operating resistance Off-hook stage ILMAX = 35 mA 480 Ground-fault/power line Includes termination ILMAX = 45/76 mA 870 Ω contact detection non- resistance ILMAX = 35 mA 1130 operating resistance Ground-fault/power line RON7 Includes termination resistance 1.4 k Ω contact release non- operating resistance Ground-fault/power line 10 contact release operating resistance Note The above values are resistance-converted values. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |