| Electronic Components Datasheet Search |
|
UPC7073 Datasheet(PDF) 7 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC7073 Datasheet(HTML) 7 Page - NEC |
|
7 / 20 page ![]() µPC7073 7 2. USE CAUTIONS (1) Combined characteristics of µPC7073 and µPD9903 • The µPC7073 is designed to be used in combination with the µPD9903. Therefore, first half of the electrical characteristics described below are ratings for the µPC7073 as a discrete unit while the second half are combined ratings that include the µPD9903. • Subscriber circuit constants that are determined by factors such as termination impedance are configured to enable setting by external order parameters. Consequently, input of an order that is not suitable for the target impedance may result in failure to obtain the required characteristics. (2) Absolute maximum ratings Application of voltage or current in excess of the absolute maximum ratings may result in damage. Be especially cautious about surges, etc. (3) Load of by-pass capacitor Because the µPC7073 and µPD9903 use several internal high-frequency operational amplifiers, high power supply impedance can cause instability (such as oscillation) in these internal operational amplifiers. To suppress such instability and eliminate power supply noise, connect by-pass capacitors (CACOM = approx. 0.1 µF) having superior high frequency characteristics as close as possible to the µPC7073’s power supply pins (VBB and VCC) and the µPD9903’s power supply pins (AVDD and DVDD). (4) Addition of ACOM pin connection capacitor The voltage of the ACOM pin between the µPC7073 and µPD9903 is the signal source reference voltage for the µPC7073. Superposition of noise on this pin may have adverse effects on transmission character- istics. Therefore, make the wires between the ACOM pin and the two LSIs as short as possible, and connect capacitors (CACOM = approx. 0.1 µF) having superior high frequency characteristics as close as possible to the pins. (5) Overcurrent prevention measures Due to its structure, power to the µPC7073 must first be supplied to a low-voltage potential (VBB). Accordingly, if power is supplied first to a power supply pin other than VBB, an overcurrent will flow within the µPC7073 (an overcurrent will not flow if power is input to all power supply pins). Therefore, if feeding to a power supply pin other than VBB first, connect an external diode and limiting resistor (rated at several Ω) in the directions described below. • Reverse-bias direction between VBB pin and VCC pin. • Reverse-bias direction between VBB pin and GND. • Reverse-bias direction between VCC pin and GND. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |