| Electronic Components Datasheet Search |
|
UPC7073 Datasheet(PDF) 8 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC7073 Datasheet(HTML) 8 Page - NEC |
|
8 / 20 page ![]() µPC7073 8 3. ELECTRICAL SPECIFICATIONS 3.1 Discrete unit ratings Absolute maximum ratings (TA = +25 °C) Parameter Symbol Conditions Rating Units Power supply voltage VBB Including spike voltage –63 to +0.3 V VCC Including spike voltage –0.3 to +7.0 VACOM ACOM pin –0.3 to VCC + 0.3 Input voltage VIN0 RX pin –0.3 to VCC + 0.3 VIN1 TS, RS, TE, and RE pins VBB – 0.3 to VCC + 0.3 VIN2 TTXIN pin To be defined Logic input voltage VIN3 BCUT, ALM, PD, RC1, RC2, and RC3 pins –0.3 to VCC + 0.3 Relay driver output current IOL RY1, RY2, and RY3 pins 40 mA Power consumption PT Thermal resistance: 160 °C/W, TA = 70 °C 1W Ambient operating TA 0 to 70 ˚C temperature Storage temperature Tstg –65 to +150 Caution If the absolute maximum rating for any of the above parameters is exceeded even momentarily, it may adversely affect the quality of this product. In other words, these absolute maximum ratings have been set to prevent physical damage to the product. Do not use the product in such a way as to exceed any of these ratings. Recommended operating conditions Parameter Symbol Conditions MIN. TYP. MAX. Units Power supply voltage VBB –58 –48 –42 V VCC 4.75 5.0 5.25 VACOM ACOM pin 2.38 2.4 2.42 Ambient operating temperature TA 0 2570˚C High level input voltage VIH BCUT, ALM, PD, RC1, RC2, and RC3 pins 2.0 VCC V Low level input voltage VIL 0 0.8 Digital input rise and fall times tR BCUT, ALM, PD, RC1, RC2, and RC3 pins 200 ns tF 200 RX drive impedance 050 Ω RX-ACOM offset voltage –0.1 +0.1 V Loop resistance (line resistance RL VBB = –51 V 200 Ω × 2 feeding modes 1900 Ω + termination resistance) 400 Ω × 2 feeding modes 1500 Terminal leakage current ION-LEAK 08 mA during on-hook transmission AC inductive current Ilong f = 60 Hz, 2Pw-Tr Note 5.0 mArms During loop detection (one line), during ground detection (one line) Note Pw-Tr is a power transistor for feeding. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |