Electronic Components Datasheet Search
  English  ▼

X  

UPC7073 Datasheet(PDF) 16 Page - NEC

Part # UPC7073
Description  UPC7073 ANALOG SUBSCRIBER LINE LSI BS-SLIC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC7073 Datasheet(HTML) 16 Page - NEC

Back Button UPC7073 Datasheet HTML 12Page - NEC UPC7073 Datasheet HTML 13Page - NEC UPC7073 Datasheet HTML 14Page - NEC UPC7073 Datasheet HTML 15Page - NEC UPC7073 Datasheet HTML 16Page - NEC UPC7073 Datasheet HTML 17Page - NEC UPC7073 Datasheet HTML 18Page - NEC UPC7073 Datasheet HTML 19Page - NEC UPC7073 Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
µPC7073
16
6.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the conditions recommended below.
For details of recommended soldering conditions, refer to the information document Semiconductor Device
Mounting Technology Manual (C10535E).
For soldering methods and conditions other than those recommended, please contact your NEC sales
representative.
SURFACE MOUNT TYPE
µPC7073GT: 48-pin plastic shrink SOP (375 mil)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235 ˚C
IR35-00-1
Duration: 30 sec. max. (210 ˚C or above)
Number of times: 1
Pin heating
Pin temperature: 300 ˚C max.
–
Duration: 3 sec. max. (per side of device)
Note
For the storage period after unpacking from the dry-pack, storage conditions are max. 25 ˚C, 65 % RH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20