Electronic Components Datasheet Search
  English  ▼

X  

DAC8412FPZ Datasheet(PDF) 5 Page - Analog Devices

Part # DAC8412FPZ
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412FPZ Datasheet(HTML) 5 Page - Analog Devices

  DAC8412FPZ Datasheet HTML 1Page - Analog Devices DAC8412FPZ Datasheet HTML 2Page - Analog Devices DAC8412FPZ Datasheet HTML 3Page - Analog Devices DAC8412FPZ Datasheet HTML 4Page - Analog Devices DAC8412FPZ Datasheet HTML 5Page - Analog Devices DAC8412FPZ Datasheet HTML 6Page - Analog Devices DAC8412FPZ Datasheet HTML 7Page - Analog Devices DAC8412FPZ Datasheet HTML 8Page - Analog Devices DAC8412FPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
DAC8412/DAC8413
Rev. G | Page 5 of 20
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Write Data Setup
tWDS
tWCS = 150 ns
20
ns
Write Data Hold
tWDH
tWCS = 150 ns
0
ns
Load Data Pulse Width
tLDW
180
ns
Reset Pulse Width
tRESET
150
ns
Chip Select Read Pulse Width
tRCS
170
ns
Read Data Hold
tRDH
tRCS = 170 ns
20
ns
Read Data Setup
tRDS
tRCS = 170 ns
0
ns
Data to High-Z
tDZ
CL = 10 pF
200
ns
Chip Select to Data
tCSD
CL = 100 pF
320
ns
SUPPLY CHARACTERISTICS
Power Supply Sensitivity
PSS
100
ppm/V
Positive Supply Current
IDD
7
12
mA
Negative Supply Current
ISS
VSS = −5.0 V
−10
mA
Power Dissipation
PDISS
VSS = 0 V
60
mW
VSS = −5.0 V
110
mW
1 All supplies can be varied ±5%, and operation is guaranteed. Device is tested with VDD = 4.75 V.
2 For single-supply operation only (VREFL = 0.0 V, VSS = 0.0 V). Due to internal offset errors, INL and DNL are measured beginning at 0x005.
3 Operation is guaranteed over this reference range, but linearity is neither tested nor guaranteed.
4 All parameters are guaranteed by design.
5 All input control signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
CS
A0/A1
tRDS
tRCS
tRDH
tAS
tAH
tDZ
tCSD
R/W
DATA
OUT
DATA VALID
HIGH-Z
HIGH-Z
Figure 3. Data Output (Read Timing)
A0/A1
RESET
LDAC
tWCS
R/W
CS
DATA IN
tWS
tWH
tAS
tAH
tLS
tLH
tWDH
tWDS
tLDW
tRESET
Figure 4. Data Write (Input and Output Registers) Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com