Electronic Components Datasheet Search
  English  ▼

X  

DAC8412FPZ Datasheet(PDF) 20 Page - Analog Devices

Part # DAC8412FPZ
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412FPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button DAC8412FPZ Datasheet HTML 12Page - Analog Devices DAC8412FPZ Datasheet HTML 13Page - Analog Devices DAC8412FPZ Datasheet HTML 14Page - Analog Devices DAC8412FPZ Datasheet HTML 15Page - Analog Devices DAC8412FPZ Datasheet HTML 16Page - Analog Devices DAC8412FPZ Datasheet HTML 17Page - Analog Devices DAC8412FPZ Datasheet HTML 18Page - Analog Devices DAC8412FPZ Datasheet HTML 19Page - Analog Devices DAC8412FPZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
DAC8412/DAC8413
Data Sheet
Rev. G | Page 20 of 20
ORDERING GUIDE
Model1
Notes
Temperature Range
INL
Package Description
Package Option
DAC8412AT/883C
−55°C to +125°C
±0.75
28-Lead Ceramic Dual In-Line Package [CERDIP]
Q-28-2
DAC8412BT/883C
−55°C to +125°C
±1.5
28-Lead Ceramic Dual In-Line Package [CERDIP]
Q-28-2
DAC8412BTC/883C
−55°C to +125°C
±1.5
28-Terminal Ceramic Leadless Chip Carrier [LCC]
E-28-1
DAC8412EP
2
−40°C to +85°C
±0.5
28-Lead Plastic Dual In-Line Package [PDIP]
N-28-2
DAC8412EPZ
2
−40°C to +85°C
±0.5
28-Lead Plastic Dual In-Line Package [PDIP]
N-28-2
DAC8412FP
2
−40°C to +85°C
±1
28-Lead Plastic Dual In-Line Package [PDIP]
N-28-2
DAC8412FPC
2
−40°C to +85°C
±1
28-Lead Plastic Leaded Chip Carrier [PLCC]
P-28
DAC8412FPC-REEL
2
−40°C to +85°C
±1
28-Lead Plastic Leaded Chip Carrier [PLCC]
P-28
DAC8412FPCZ
2
−40°C to +85°C
±1
28-Lead Plastic Leaded Chip Carrier [PLCC]
P-28
DAC8412FPCZ-REEL
2
−40°C to +85°C
±1
28-Lead Plastic Leaded Chip Carrier [PLCC]
P-28
DAC8412FPZ
2
−40°C to +85°C
±1
28-Lead Plastic Dual In-Line Package [PDIP]
N-28-2
DAC8413AT/883C
−55°C to +125°C
±0.75
28-Lead Ceramic Dual In-Line Package [CERDIP]
Q-28-2
DAC8413BT/883C
−55°C to +125°C
±1.5
28-Lead Ceramic Dual In-Line Package [CERDIP]
Q-28-2
DAC8413BTC/883C
−55°C to +125°C
±1.5
28-Terminal Ceramic Leadless Chip Carrier [LCC]
E-28-1
DAC8413EP
2
−40°C to +85°C
±0.5
28-Lead Plastic Dual In-Line Package [PDIP]
N-28-2
DAC8413EPZ
2
−40°C to +85°C
±0.5
28-Lead Plastic Dual In-Line Package [PDIP]
N-28-2
DAC8413FP
2
−40°C to +85°C
±1
28-Lead Plastic Dual In-Line Package [PDIP]
N-28-2
DAC8413FPC
2
−40°C to +85°C
±1
28-Lead Plastic Leaded Chip Carrier [PLCC]
P-28
DAC8413FPC-REEL
2
−40°C to +85°C
±1
28-Lead Plastic Leaded Chip Carrier [PLCC]
P-28
DAC8413FPCZ
2
−40°C to +85°C
±1
28-Lead Plastic Leaded Chip Carrier [PLCC]
P-28
DAC8413FPC-REEL
2
−40°C to +85°C
±1
28-Lead Plastic Dual In-Line Package [PDIP]
N-28-2
DAC8413FPZ
2
−40°C to +85°C
±1
28-Lead Plastic Dual In-Line Package [PDIP]
N-28-2
1
Z = RoHS Compliant Part.
2
If burn-in is required, these models are available in CERDIP. Contact sales.
©2000–2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00274-0-4/13(G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com