Electronic Components Datasheet Search
  English  ▼

X  

DAC8412FPZ Datasheet(PDF) 9 Page - Analog Devices

Part # DAC8412FPZ
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412FPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button DAC8412FPZ Datasheet HTML 5Page - Analog Devices DAC8412FPZ Datasheet HTML 6Page - Analog Devices DAC8412FPZ Datasheet HTML 7Page - Analog Devices DAC8412FPZ Datasheet HTML 8Page - Analog Devices DAC8412FPZ Datasheet HTML 9Page - Analog Devices DAC8412FPZ Datasheet HTML 10Page - Analog Devices DAC8412FPZ Datasheet HTML 11Page - Analog Devices DAC8412FPZ Datasheet HTML 12Page - Analog Devices DAC8412FPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
DAC8412/DAC8413
Rev. G | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1
–1
6
0
11
10
9
8
7
12
VREFH (V)
VDD = +15V
VSS = –15V
VREFL = –10V
TA = 25°C
Figure 10. DNL vs. VREFH
1
–1
0
3
2
1
VREFH (V)
VDD = 5V
VSS = 0V
VREFL = 0V
TA = 25°C
Figure 11. INL vs. VREFH
0.4
–0.6
1000
–0.4
0
0
–0.2
0.2
200
T = HOURS OF OPERATION AT 125°C
400
600
800
X+3σ
X
X–3σ
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
Figure 12. Full-Scale Error vs. Time Accelerated by Burn-in
0
–2
–1
2
1
3
2
1
VREFH (V)
VDD = 5V
VSS = 0V
VREFL = 0V
TA = 25°C
Figure 13. DNL vs. VREFH
0.3
0.1
0.2
10
8
6
12
VREFH (V)
VDD = +15V
VSS = –15V
VREFL = 0V
TA = 25°C
Figure 14. INL vs.VREFH
X+3σ
X
X–3σ
0.3
–0.7
1000
–0.5
0
–0.1
–0.3
0.1
200
T = HOURS OF OPERATION AT 125°C
400
600
800
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
Figure 15. Zero-Scale Error vs. Time Accelerated by Burn-In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com