Electronic Components Datasheet Search
  English  ▼

X  

DAC8412FPZ Datasheet(PDF) 16 Page - Analog Devices

Part # DAC8412FPZ
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412FPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button DAC8412FPZ Datasheet HTML 12Page - Analog Devices DAC8412FPZ Datasheet HTML 13Page - Analog Devices DAC8412FPZ Datasheet HTML 14Page - Analog Devices DAC8412FPZ Datasheet HTML 15Page - Analog Devices DAC8412FPZ Datasheet HTML 16Page - Analog Devices DAC8412FPZ Datasheet HTML 17Page - Analog Devices DAC8412FPZ Datasheet HTML 18Page - Analog Devices DAC8412FPZ Datasheet HTML 19Page - Analog Devices DAC8412FPZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
DAC8412/DAC8413
Data Sheet
Rev. G | Page 16 of 20
WRDB0
WRDB1
WRDB2
WRDB3
WRDB4
WRDB5
WRDB6
WRDB7
WRDB8
WRDB9
WRDB10
RDDACB
RDDACA
WRDACA
WRDACB
RDDACC
WRDACC
RDDACD
WRDACD
READBACKDATAIN_DB10
READOUT
READOUTBAR
READBACKDATAIN_DB11
A1
A0
DGND
R/W
DB11..DB0
VLOGIC
CS
DAC A
DAC B
DAC C
DAC D
WRDB11
INPUT
REGISTER
OUTPUT
REGISTER
VREFL
VOUTD
VOUTC
VOUTA
VOUTB
RESET
LDAC
VREFH
VDD VSS
READBACK
DATAOUT_DB11
Figure 38. Simplified I/O Logic Diagram
Careful attention to grounding is important for accurate
operation of the DAC8412. This is not because the DAC8412 is
more sensitive than other 12-bit DACs, but because with four
outputs and two references, there is greater potential for ground
loops. Because the DAC8412 has no analog ground, the ground
must be specified with respect to the reference.
REFERENCE CONFIGURATIONS
Output voltage ranges can be configured as either unipolar or
bipolar, and within these choices, a wide variety of options
exists. The unipolar configuration can be either positive or
negative voltage output, and the bipolar configuration can be
either symmetrical or nonsymmetrical.
REF10
+15V
INPUT
OUTPUT
TRIM
10kΩ
0.2µF
+10V OPERATION
+
+15V
OP400
–15V
VREFL
VREFH
DAC8412
OR
DAC8413
0.1µF
//10µF
VDD
VSS
Figure 39. Unipolar +10 V Operation
+15V
1µF
0.2µF
39kΩ
6.2Ω
6.2Ω
0.2µF
+15V
GAIN
100kΩ
BALANCE
100kΩ
AD688 FOR ±10V
AD588 FOR ±5V
VDD
VSS
VREFL
VREFH
DAC8412
OR
DAC8413
0.1µF
//10µF
–15V
±5 OR ±10V OPERATION
Figure 40. Symmetrical Bipolar Operation
Figure 40 (symmetrical bipolar operation) shows the DAC8412
configured for ±10 V operation. See the AD688 data sheet for a
full explanation of reference operation. Adjustments may not be
required for many applications since the AD688 is a very high
accuracy reference. However, if additional adjustments are
required, adjust the DAC8412 full scale first. Begin by loading
the digital full-scale code (0xFFF), and then adjust the gain
adjust potentiometer to attain a DAC output voltage of 9.9976 V.
Then, adjust the balance adjust to set the center-scale output
voltage to 0.000 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com