Electronic Components Datasheet Search
  English  ▼

X  

DAC8412FPZ Datasheet(PDF) 15 Page - Analog Devices

Part # DAC8412FPZ
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412FPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button DAC8412FPZ Datasheet HTML 11Page - Analog Devices DAC8412FPZ Datasheet HTML 12Page - Analog Devices DAC8412FPZ Datasheet HTML 13Page - Analog Devices DAC8412FPZ Datasheet HTML 14Page - Analog Devices DAC8412FPZ Datasheet HTML 15Page - Analog Devices DAC8412FPZ Datasheet HTML 16Page - Analog Devices DAC8412FPZ Datasheet HTML 17Page - Analog Devices DAC8412FPZ Datasheet HTML 18Page - Analog Devices DAC8412FPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
DAC8412/DAC8413
Rev. G | Page 15 of 20
RESET
The RESET function can be used either at power-up or at any
time during DAC operation. The RESET function is independent
of CS. This pin is active low and sets the DAC output registers
to either center code for the DAC8412, or zero code for the
DAC8413. The reset-to-center code is most useful when the
DAC is configured for bipolar references and an output of 0 V
after reset is desired.
SUPPLIES
Supplies required are VSS, VDD, and VLOGIC. The VSS supply can
be set between −15 V and 0 V. VDD is the positive supply; its
operating range is between 5 V and 15 V.
VLOGIC is the digital output supply voltage for the readback
function. It is normally connected to +5 V. This pin is a logic
reference input only. It does not supply current to the device. If
the readback function is not being used, VLOGIC can be left open-
circuit. While VLOGIC does not supply current to the DAC8412, it
does supply currents to the digital outputs when readback is used.
AMPLIFIERS
Unlike many voltage output DACs, the DAC8412 features buffered
voltage outputs. Each output is capable of both sourcing and
sinking 5 mA at ±10 V, eliminating the need for external
amplifiers when driving 500 pF or smaller capacitive load in
most applications. These amplifiers are short-circuit protected.
Table 6. DAC8412/DAC8413 Logic Table
A1
A0
R/W
CS
RS
LDAC
Input Register
Output Register
Mode
DAC
L
L
L
L
H
L
Write
Write
Transparent
A
L
H
L
L
H
L
Write
Write
Transparent
B
H
L
L
L
H
L
Write
Write
Transparent
C
H
H
L
L
H
L
Write
Write
Transparent
D
L
L
L
L
H
H
Write
Hold
Write input
A
L
H
L
L
H
H
Write
Hold
Write input
B
H
L
L
L
H
H
Write
Hold
Write input
C
H
H
L
L
H
H
Write
Hold
Write input
D
L
L
H
L
H
H
Read
Hold
Read input
A
L
H
H
L
H
H
Read
Hold
Read input
B
H
L
H
L
H
H
Read
Hold
Read input
C
H
H
H
L
H
H
Read
Hold
Read input
D
X
X
X
H
H
L
Hold
Update all output registers
All
X
X
X
H
H
H
Hold
Hold
Hold
All
X
X
X
X
L
X
All registers reset to midscale/zero-scale1
All
X
X
X
H
X
All registers latched to midscale/zero-scale1
All
1
DAC8412 resets to midscale, and DAC8413 resets to zero scale. L = logic low; H = logic high; X = don’t care. Input and output registers are transparent when asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com