Electronic Components Datasheet Search
  English  ▼

X  

UPC8100 Datasheet(PDF) 3 Page - NEC

Part # UPC8100
Description  SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8100 Datasheet(HTML) 3 Page - NEC

  UPC8100 Datasheet HTML 1Page - NEC UPC8100 Datasheet HTML 2Page - NEC UPC8100 Datasheet HTML 3Page - NEC UPC8100 Datasheet HTML 4Page - NEC UPC8100 Datasheet HTML 5Page - NEC UPC8100 Datasheet HTML 6Page - NEC UPC8100 Datasheet HTML 7Page - NEC UPC8100 Datasheet HTML 8Page - NEC UPC8100 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
µPC8100GR
Data Sheet P10817EJ3V0DS00
PIN EXPLANATION
1
GND
0.0
–
2
RF bypass
–
1.1
3
RF input
–
0.9
4
Peaking out
–
0.12
5
Power-save pin
0 to 4.5
–
for
downconverter
6
Power-save pin
0 to 4.5
–
for
upconverter
7VCC for
2.7 to 4.5
–
upconverter
8
RF output
same as
–
VCC through
intactor
9
GND
0.0
–
6
5
or
8
REG.
PIN
ASSIGNMENT
APPLIED
PIN VOLTAGE
FUNCTION AND APPLICATION
EQUIVALENT CIRCUIT
NO.
VOLTAGE (V)
(V)
Ground for downconverter.
Must be connected to the system ground
with minimum inductance. Ground pat-
tern on the board should be formed as
wide as possible.
(Track length should be kept as short as
possible.)
Bypass of RF input for downconverter.
This pin is RF input for downconverter
designed as double balanced mixer.
This high-impedance input should be
matched with external chip inductor. (eg
4.7 nH).
Open emitter pin of low noise amplifier.
Grounded with capacitor (eg 3 pF) and
register (eg 22
Ω) serially.
This pin can control downconverter’s
ON/OFF operation with bias as follows;
Bias: V
Operation
VPS
≥1.8
ON
0 to 1.0
OFF
This pin can control upconverter’s ON/
OFF operation with bias as follows;
Bias: V
Operation
VPS
≥1.8
ON
0 to 1.0
OFF
Supply voltage for upconverter.
Must be connected bypass capacitor
(e.g 1 000 pF) to minimize ground im-
pedance.
F output from upconverter.
Connect the VCC through inductor (eg 15
nH).
Ground for RF amplifier of upconverter.
2
REG.
3
REG.
4
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com