Electronic Components Datasheet Search
  English  ▼

X  

UPC8100 Datasheet(PDF) 10 Page - NEC

Part # UPC8100
Description  SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8100 Datasheet(HTML) 10 Page - NEC

Back Button UPC8100 Datasheet HTML 6Page - NEC UPC8100 Datasheet HTML 7Page - NEC UPC8100 Datasheet HTML 8Page - NEC UPC8100 Datasheet HTML 9Page - NEC UPC8100 Datasheet HTML 10Page - NEC UPC8100 Datasheet HTML 11Page - NEC UPC8100 Datasheet HTML 12Page - NEC UPC8100 Datasheet HTML 13Page - NEC UPC8100 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
µPC8100GR
Data Sheet P10817EJ3V0DS00
– Downconverter block –
–40
–30
–20
–10
0
10
–80
–70
–60
–50
–40
–30
–20
–10
0
10
RF input level vs. IF output level and IM3
RF input level PRFin (dBm)
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
Vcc = 4.5 V
RF1 = 866.4 MHZ
LO = 1016 MHZ (– 9 dBm)
RF2 = 866.8 MHZ
–27 –24 –21 –18
5
25
LO input level vs. Conversion Gain
LO input level PLOin (dBm)
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
–15 –12
–9
–6
–3
0
10
15
20
Vcc = 4.5 V
RF = 866 MHZ (–40 dBm)
LO = 1016 MHZ (–9 dBm)
0
30.0
P/S control voltage vs. Circuit Current
Power-save-control voltage VP/S
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
5.0
5.0
10.0
15.0
Vcc = 4.5 V
4.0
3.0
2.0
1.0
0
20.0
25.0
0
30.0
P/S control voltage vs. Circuit Current
Power-save-control voltage VP/S
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
5.0
5.0
10.0
15.0
Vcc = 2.7 V
4.0
3.0
2.0
1.0
0
20.0
25.0
0
50
Supply voltage vs. Circuit Current
Supply Voltage Vcc (V)
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
5.0
10
20
Vcc = VP/S
4.0
3.0
2.0
1.0
0
30
40
2.7
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com