Electronic Components Datasheet Search
  English  ▼

X  

UPC8100 Datasheet(PDF) 6 Page - NEC

Part # UPC8100
Description  SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8100 Datasheet(HTML) 6 Page - NEC

Back Button UPC8100 Datasheet HTML 2Page - NEC UPC8100 Datasheet HTML 3Page - NEC UPC8100 Datasheet HTML 4Page - NEC UPC8100 Datasheet HTML 5Page - NEC UPC8100 Datasheet HTML 6Page - NEC UPC8100 Datasheet HTML 7Page - NEC UPC8100 Datasheet HTML 8Page - NEC UPC8100 Datasheet HTML 9Page - NEC UPC8100 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
µPC8100GR
Data Sheet P10817EJ3V0DS00
STANDARD CHARACTERISTIC FOR REFERENCE (TA = 25
°C, VCC = 2.7 V, ZL = ZS = 50 Ω, unless otherwise
specified; VP/S
≥ 1.8 V)
PARAMETERS
SYMBOL
REFERENCE
UNIT
TEST CONDITIONS
UPCONVERTER BLOCK
3rd order intermodulation distortion
IM3
–39.0
dBc
fIFin1 = 150.4 MHz, PIF1 = –30 dBm
fIFin2 = 150.8 MHz, PIF2 = –30 dBm
DOWNCONVERTER BLOCK
IF output 1 dB compression
P1dB
–7.0
dBm
Local leakage at IFout Pin
Loif
–29.0
dBm
Pin = –40 dBm
RF leakage at IFout Pin
RFif
–44.0
dBm
Pin = –40 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com