Electronic Components Datasheet Search
  English  ▼

X  

UPC8100 Datasheet(PDF) 11 Page - NEC

Part # UPC8100
Description  SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8100 Datasheet(HTML) 11 Page - NEC

Back Button UPC8100 Datasheet HTML 7Page - NEC UPC8100 Datasheet HTML 8Page - NEC UPC8100 Datasheet HTML 9Page - NEC UPC8100 Datasheet HTML 10Page - NEC UPC8100 Datasheet HTML 11Page - NEC UPC8100 Datasheet HTML 12Page - NEC UPC8100 Datasheet HTML 13Page - NEC UPC8100 Datasheet HTML 14Page - NEC UPC8100 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
µPC8100GR
Data Sheet P10817EJ3V0DS00
– Upconverter block –
–40
–30
–20
–10
0
10
–80
–70
–60
–50
–40
–30
–20
–10
0
10
F input level vs. RF outpint level and IM3
IF input level PRFin (dBm)
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
Vcc = 2.7 V
IF1 = 150.4 MHZ
LO = 1016 MHZ (– 9 dBm)
IF2 = 150.8 MHZ
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
–40
–30
–20
–10
0
10
–80
–70
–60
–50
–40
–30
–20
–10
0
10
Pin - Pout, IM3
IF input level PRFin (dBm)
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
Vcc = 4.5 V
IF1 = 150.4 MHZ
LO = 1016 MHZ (–9 dBm)
IF2 = 150.8 MHZ
–27
5
LC input level vs. Conversion Gain
LO input level PLOin (dBm)
–24 –21 –18 –15 –12 –9
–6
–3
0
10
15
20
25
Vcc = 2.7 V
IF = 150 MHZ (–40 dBm)
LO = 1016 MHZ
TA = +25 ˚C
TA = +80 ˚C
TA = –30 ˚C
–27
5
LO input level - CG
LO input level PLOin (dBm)
–24 –21 –18 –15 –12 –9
–6
–3
0
10
15
20
25
Vcc = 2.7 V
IF = 150 MHZ (–40 dBm)
LO = 1016 MHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com