Electronic Components Datasheet Search
  English  ▼

X  

UPC8100 Datasheet(PDF) 4 Page - NEC

Part # UPC8100
Description  SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8100 Datasheet(HTML) 4 Page - NEC

  UPC8100 Datasheet HTML 1Page - NEC UPC8100 Datasheet HTML 2Page - NEC UPC8100 Datasheet HTML 3Page - NEC UPC8100 Datasheet HTML 4Page - NEC UPC8100 Datasheet HTML 5Page - NEC UPC8100 Datasheet HTML 6Page - NEC UPC8100 Datasheet HTML 7Page - NEC UPC8100 Datasheet HTML 8Page - NEC UPC8100 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
µPC8100GR
Data Sheet P10817EJ3V0DS00
Mixer output from upconverter.
Mixer output from upconverter.
10 and 11 pins should be externally
equipped with tank circuit of inductor (eg
4.7 nH) and capacitor (eg 3.5 pF).
Ground for oscillator buffer amplifier and
mixer of upconverter.
Must be connected to the system ground
with minimum inductance. Ground
pattern on the board should be formed
as wide as possible.
(Track length should be kept as short as
possible.)
Bypass of IF input for upconverter.
This pin is IF input for upconverter
designed as double balanced mixer.
This high-impedance input should be
externally equipped with matching circuit
of inductor (eg 220 nH) and capacitor
(eg 1.5 pF).
Local oscillator input for upconverter. Re-
quired for matching with register 51
Ω.
Bypass of local oscillator input for
upconverter.
Bypass of local oscillator input for
downconverter.
Local oscillator input for down-
converter. Required for matching with
register 51
Ω.
Supply voltage for downconverter.
It must be connected bypass capacitor
(e.g 1 000 pF) to minimize ground
impedance.
IF output from downconverter.
PIN EXPLANATION
PIN
ASSIGNMENT
PIN VOLTAGE
FUNCTION AND APPLICATION
EQUIVALENT CIRCUIT
NO.
(V)
13
REG.
14
VCC
10
11
10
MIX OUT 1
2.3
11
MIX OUT 2
2.3
12
GND
0*
13
IF bypass
1.03
14
IF input
1.03
15
OSC input
1.8
(for upconverter)
16
OSC bypass
1.8
(for upconverter)
17
OSC bypass
1.85
(for down-
converter)
18
OSC input
1.85
(for down-
converter)
19
VCC supply for
2.7 to 4.5*
for down-
converter
20
IF output
1.45
18
15 ,
17
16 ,
VCC
20
VCC
* Externally supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com