Electronic Components Datasheet Search
  English  ▼

X  

ACE716E Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE716E
Description  Max 38V, Variable Frequency Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE716E Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE716E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACE716E
Max 38V, Variable Frequency Step-up DC/DC Converter
VER 1.1
2
Packaging Type
SOT-23-6
Ordering information
ACE716E XX + H
PIN
NAME
DESCRIPTION
1
SW
Inductor Connection. Connect an inductor Between SW and IN.
2
GND
Ground Pin
3
FB
Feedback Input for Current. Connect an external resistor FB to GND to set IOUT
4
EN
Control pin for the IC. It is default low. It is a multi-functional pin for enable control,
PWM dimming
5
NC
Not connected, leave this PIN floating
6
IN
Input Supply pin. Bypass with a 4.7μF or larger ceramic capacitor to GND
Halogen - free
GM: SOT-23-6
Pb - free



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com