Electronic Components Datasheet Search
  English  ▼

X  

ACE716E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE716E
Description  Max 38V, Variable Frequency Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE716E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE716E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE716E
Max 38V, Variable Frequency Step-up DC/DC Converter
VER 1.2
1
Description
The ACE716E is a high efficiency step-up converter with an internally integrated 40V power MOSEFT.
It runs with an optimal 0.8MHz frequency that enables use of small external components while still
providing best efficiencies. It has an internal current limit as high as 1A, and it can drive up to 10 LEDs at
50mA output current. The incorporated 25-100KHz true PWM-Dimming feature by EN pin can be used to
digitally program the LED current. For maximum protection, the ACE716E has an internal OVP protection
at 38V to prevent the chip from damages when the LED string is not connected to the output.
ACE716E is available in a space-saving SOT23-6 package.
Features
• Up to 90% Efficiency (6 LEDs)
• Drive up to 10 LEDs with 50mA
• Drive up to 40 LEDs in total
• 38V OVP protection
• True PWM Brightness Control
• 200mV Feedback Voltage
• 1A current limit
• SOT23-6 Package
Application
• Cellphone and Smartphone
• MID or Tablet PC
• TFT-bias for LCD screen
• Power for OLED
• LED torch
• Satellite Set Top Box
Absolute Maximum Rating
Parameter
Value
SW Voltage
-0.3V~38V
All Other PIN Voltages
-0.3V~6.5V
SW to ground current
Internally limited
Operating Temperature Range
-40℃~85℃
Storage Temperature Range
-55℃~150℃
Thermal Resistance (Θjc)
SOT23-6
Θ
JA
Θ
JC
100
50
℃/W
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE716E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACE716 ETC1-ACE716 Datasheet
93Kb / 1P
RUGGED AC/DC INPUT 150W POWER SUPPLY
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
1.2MHz, High Voltage, Boost Converter
VER 1.2
ACE7166XBNSH ACE-ACE7166XBNSH Datasheet
396Kb / 4P
1.2MHz, High Voltage, Boost Converter
VER 1.2
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
ACE7168RGMH ACE-ACE7168RGMH Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
More results

Similar Description - ACE716E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1306 LINER-LT1306 Datasheet
213Kb / 16P
Synchronous, Fixed Frequency Step-Up DC/DC Converter
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8545 BELLING-BL8545 Datasheet
205Kb / 6P
Max. 3MHz, Variable Frequency Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714C ACE-ACE714C Datasheet
630Kb / 9P
Max. 3MHz, Variable Frequency Step-up DC/DC Converter
VER 1.2
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Linear Technology
LT1306 LINER-LT1306_15 Datasheet
219Kb / 16P
Synchronous, Fixed Frequency Step-Up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8548 BELLING-BL8548 Datasheet
415Kb / 6P
Max. 3MHz, Variable Frequency Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com