Electronic Components Datasheet Search
  English  ▼

X  

ACE716E Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE716E
Description  Max 38V, Variable Frequency Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE716E Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE716E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ACE716E
Max 38V, Variable Frequency Step-up DC/DC Converter
VER 1.1
7
FUNCTIONAL DECRIPTIONS
The ACE716E is a high efficiency boost LED driver with a small package size. The device is ideal for
driving 2-25LEDs for backlight application in smartphone and 7-inch tablet PC. The device integrates a
38V/1A switch FET and operates in pulse width modulation (PWM) with a 0.8MHz fixed switching
frequency. For operation details, please check the block diagram in the “Block Diagram” chapter. The duty
cycle of the converter is set by the error amplifier output and the current
signal applied to the PWM
control comparator. The feedback
loop regulates the FB pin to a low reference
voltage (200mV typical),
reducing the power dissipation in the current
sense resistor.
Output Open Circuit Protection
Output open circuit protection circuitry prevents IC damage as the result of output open circuit (e.g. LED
string absence). The ACE716E monitors the voltage at the SW pin and FB pin during each switching
cycle. The circuitry turns off the switch FET and shuts down the IC when both of the following conditions
persist for 8 switching clock cycles: (1) the SW voltage exceeds the VOVP threshold, which is 38V and (2)
the FB voltage is less than half of regulation voltage. As a result, the output voltage falls to the level of the
input supply. The device remains in shutdown mode until it is enabled by toggling the EN pin logic. The
output voltage plus the 200mV reference voltage cannot exceed the minimum OVP threshold or OUTPUT
VOLTAGE + 200 mV ≤ VOVP(MIN).
Shutdown
The ACE716E enters shutdown mode when the EN voltage is logic low for more than 3ms. During
shutdown, the input supply current for the device is less than 1μA (max). Although the internal FET does
not switch in shutdown, there is still a DC current path between the input and the output through the
inductor and Schottky diode.
For LED driving application, the minimum forward voltage of the LED array must exceed the maximum
input voltage to ensure that the LEDs remain off in shutdown. However, in the typical application with two
or more LEDs, the forward voltage is large enough to reverse bias the Schottky and keep leakage current
low.
LED Driving Current Setting
The FB voltage is regulated by a low 0.2V reference voltage. The LED current is set externally using a
current-sense resistor in series with the LED string. The value of the RSET is calculated using Equation
1.2:
ILED =0.2/RSET
(1.2)
Where
ILED = output current of LEDs, RSET = current sense resistor
The output current tolerance depends on the FB accuracy and the current sensor resistor accuracy.
PWM Dimming Control or Output Voltage Programming
When the CTRL pin is constantly high, the FB voltage is regulated to 200mV typically. However, the EN
pin allows a PWM signal to reduce this regulation voltage; therefore, it achieves LED brightness dimming
or output voltage programming (only to make output voltage lower). The relationship between the duty
cycle and FB voltage is given by Equation 2.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com