Electronic Components Datasheet Search
  English  ▼

X  

ACE716E Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE716E
Description  Max 38V, Variable Frequency Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE716E Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE716E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ACE716E
Max 38V, Variable Frequency Step-up DC/DC Converter
VER 1.1
8
VFB =Duty*200 mV
(2)
Where
Duty = duty cycle of the PWM signal, 200 mV = internal reference voltage
This PWM dimming eliminates the audible noise which often occurs when the output current is pulsed in
replica of the frequency and duty cycle of PWM control. Unlike other scheme which filters the PWM signal
for analog dimming, ACE716E regulation voltage is independent of the PWM logic voltage level which
often has large variations For optimum performance, use the PWM dimming frequency in the range of
25kHz to 100kHz.
APPLICATION INFORMATION
Inductor Selection
Using an inductor with a smaller inductance value forces discontinuous PWM when the inductor current
ramps down to zero before the end of each switching cycle. This reduces the boost converter’s maximum
output current, causes large input voltage ripple and reduces efficiency. Large inductance value provides
much more output current and higher conversion efficiency. For these reasons, a 15μH to 22μH inductor
value range is recommended. A 15μH inductor optimized the efficiency for most application while
maintaining low inductor peak to peak ripple. Below table lists the recommended inductor for the
ACE716E.
Recommended Inductors for ACE716E
L(uH)
Saturation Current (mA)
Vendor
4.7- 15
>1500
Sunlord
Schottky Diode Selection
A high-speed rectifying Schottky with low parasitic capacitance is recommended for ACE716E for
maximum efficiency due to its high switching frequency.
The diode average and peak current rating
must be larger than the average output current and peak inductor current to ensure reliability. In addition,
the diode’s reverse breakdown voltage must exceed the open LED protection voltage.
Input and Output Capacitor Selection
The output capacitor is mainly selected to meet the requirements for the output ripple and loop stability.
The output requires a capacitor in the range of 2.2μF to 10μF.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com