Electronic Components Datasheet Search
  English  ▼

X  

ACE716E Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE716E
Description  Max 38V, Variable Frequency Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE716E Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE716E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE716E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACE716E
Max 38V, Variable Frequency Step-up DC/DC Converter
VER 1.1
3
BLOCK DIAGRAM
Electrical Characteristics
(VIN =3.6V, unless otherwise specified.Typical values are at TA=25℃)
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage Range
2.7
6
V
FB Feedback Voltage
VIN=VCTRL=3.6V
194
200
206
mV
FB Input Current
2
uA
Quiescent Current at IN
Switching at lout=0
1.0
1.8
mA
Quiescent Current at IN
Shutdown Supply Current at IN
No Switching
0.2
mA
VEN=GND
0
5
uA
Switching Frequency
VIN<4.3V
0.8
MHz
Maximum Duty Cycle
90
93
%
NMOS Switch On Resistance
lSW=100mA
0.44
Ω
NMOS Switch Current Limit
VIN*3.6V, 10LEDS
1.0
A
SW Leakage Current
VSW=0 or 20V, VEN=GND
10
uA
EN Inupt Current
0.1
1
uA
EN Input Low Voltage
0.6
V
EN Input High Voltage
1.2
V
PWN dimming frequency
25
100
KHz
Thermal Shutdown
Rising, Hysteresis=10℃
165
℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com