Electronic Components Datasheet Search
  English  ▼

X  

ACE4054C Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE4054C
Description  500mA/1.5A Standalone Linear Li-Ion Battery Charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054C Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE4054C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ACE4054C
500mA/1.5A Standalone Linear Li-Ion Battery Charge
VER 1.2
5
Power FET
“ON”
Resistance (Between VCC
and BAT)
RON
0.25
Ω
Soft-Start Time
Tss
IBAT=0 to IBAT=1000V/RPROG
100
μs
Recharge Comparator
Filter Time
tRECHARGE
VBAT High to Low
0.5
5
20
ms
Termination Comparator
Filter Time
tTERM
IBAT Falling Below ICHG/10
400
1000
2500
μs
PROG Pin Pull-Up Current
IPROG
3
μA
Note 2.Supply current includes PROG pin current (approximately 100
μA) but does not include any current delivered to the battery
through the BAT pin (approximately 100mA)
Note 3. ITREM is expressed as a fraction of measured full charge current with indicated PROG resistor
Application Circuit
ACE4054C
Typical Characteristic
(VCC=5V,TA=25℃, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com