Electronic Components Datasheet Search
  English  ▼

X  

ACE4054C Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE4054C
Description  500mA/1.5A Standalone Linear Li-Ion Battery Charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054C Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE4054C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ACE4054C
500mA/1.5A Standalone Linear Li-Ion Battery Charge
VER 1.2
10
Thermal Limiting
Build-in feedback circuitry mechanism can reduce the value of the programmed charge current once the
die temperature tends to rise above 120°C, hence prevents the temperature from further increase and
ensure device safe operation.
Undervoltage Lockout (UVLO)
Build-in undervoltage lockout circuit monitors the input voltage and keeps the charger in shutdown mode
until VCC rises above the undervoltage lockout threshold. The UVLO circuit has a built-in hysteresis of
200mV. Furthermore, to protect against reverse current in the power MOSFET, the UVLO circuit keeps
the charger in shutdown mode if VCC falls to within 30mV of the battery voltage. If the UVLO comparator
is tripped, the charger will not come out of shutdown mode until VCC rises 100mV above the battery
voltage.
Manual Shutdown
Floating the PROG pin by removing the resistor from PROG pin to ground can put the device in
shutdown mode. The battery drain current is thus reduced to less than 5μA and the supply current to less
than 50μA. Reconnecting the resistor back will restart a new charge cycle.
The CHRG pin is in a high impedance state if the ACE4054C is in undervoltage lockout mode.
Automatic Recharge
After the termination of the charge cycle, the ACE4054C constantly monitors the BAT pin voltage and
starts a new charge cycle when the battery voltage falls below 4.05V, keeping the battery at fully charged
condition. CHRG output enters a pull-down state during recharge cycles.
Applications Information
Stability Considerations
When a battery is connected to the output, the constant-voltage mode feedback is always stable.
However, in the case of absence of battery, an output capacitor is recommended to reduce ripple voltage.
In the case of high value capacitance or low ESR ceramic capacitors, a small value series resistor (~1
Ω
recommended. No series resistor is needed if tantalum capacitors are used.
In constant-current mode, the PROG pin is in the feedback loop, thus its impedance affects the stability.
The maximum allowed value of the program resistor is 20K, and additional capacitance reduces this value.
The pole frequency at the PROG pin needs to be kept above 100kHz to maintain device stability.
Therefore, the maximum resistance value can be calculated from the following equation, CPROG is the
capacitance loaded to the PROG pin
Average rather than instantaneous charge current is more of a concern. A simple low pass filter can be
used on the PROG pin to measure the average battery current as shown in Figure 2. A 10K resistor has
been added between the PROG pin and the filter capacitor to ensure stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com