Electronic Components Datasheet Search
  English  ▼

X  

ACE4054C Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE4054C
Description  500mA/1.5A Standalone Linear Li-Ion Battery Charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054C Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE4054C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ACE4054C
500mA/1.5A Standalone Linear Li-Ion Battery Charge
VER 1.2
8
Detailed description
The ACE4054C is a single cell, fully integrated constant current(CC) /constant voltage (CV) Li-ion
battery charger. It can deliver up to 1.5A of charge current with a final float voltage accuracy of
ACE4054C has a build-in thermal regulation circuitry that ensures its safe operation. No blocking diode or
external current sense resistor is required; hence reduce the external components for a basic charger
circuit to two. The ACE4054C is also capable of operating from a USB power source.
Normal Charge Cycle
The ACE4054C initiates a charge cycle once the voltage at the VCC pin rises above the UVLO threshold
level. A ±1% precision resistor needs to be connected from the PROG pin to ground. If the voltage at the
BAT pin is less than 2.9V, the charger enters trickle charge mode. In this mode, the charge current is
reduced to nearly 1/10 the programmed value until the battery voltage is raised to a safe level for full
current charging.
The charger switches to constant-current mode as the BAT pin voltage rises above 2.9V, the charge
current is thus resumed to full programmed value. When the final float voltage (4.2V) is reached, the
ACE4054C enters constant-voltage mode and the charge current begins to decrease until it drops to 1/10
of the preset value and ends the charge cycle.
Programming Charge Current
The charge current is programmable by setting the value of a precision resistor connected from the
PROG pin to ground. The charge current is 1000 times of the current out of the PROG pin. The program
resistor and the charge current are calculated using the following equations:
RPROG = 1000V/ICHG
The charge current out of the BAT pin can be determined at any time by monitoring the PROG pin
voltage using the following equation:
IBAT=(VPROG/RPORG)*1000
ACE4054C has a self-temperature-limiting (STL) function, the chip starts to limit its charge current by
reducing VPROG gradually after silicon temperature rises above 70
and ambient
ACE4054C would have the same charge current and
junction temperature as chips without STL function at room temperature. As the ambient temperature
ACE4054C
would reduce its charge current and hence the junction temperature would be much lower. The STL
function helps to improve system reliability.
Charge Termination
The ACE4054C keeps monitoring the PROG pin during the charging process. It terminates the charge
cycle when the charge current falls to 1/10th the programmed value after the final float voltage is reached.
When the PROG pin voltage falls below 100mV for longer than tTERM (typically 1ms), charging is
terminated. The charge current is latched off and the ACE4054C enters standby mode, where the input
supply current drops to 200
μA. (Note: C/10 termination is disabled in trickle charging and thermal limiting
modes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com