Electronic Components Datasheet Search
  English  ▼

X  

ACE4054C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4054C
Description  500mA/1.5A Standalone Linear Li-Ion Battery Charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4054C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ACE4054C
500mA/1.5A Standalone Linear Li-Ion Battery Charge
VER 1.2
1
Description
The ACE4054C is a single cell, fully integrated constant current (CC)/ constant voltage (CV) Li-ion
battery charger. Its compact package with minimum external components requirement makes the
ACE4054C ideal for portable applications.
No external sense resistor or blocking diode is necessary for the ACE4054C. Build-in thermal feedback
mechanism regulates the charge current to control the die temperature during high power operation or at
elevated ambient temperature.
The ACE4054C has a pre-charge function for trickle charging deeply discharged batteries. The fast
charge current can be programmed by an external resistor. CV regulation mode is automatically enabled
once the battery’s charging curve reaches the constant voltage portion. The output current then decays
and is finally terminated once the charge current drops to 1/10
th
of the programmed value. The
ACE4054C keeps monitoring the battery voltage and enables a new charge cycle once the voltage drops
by 150mV below the CV value.
Power supply state is constantly monitored and the battery drain current is reduced to minimum value
automatically when the ACE4054C senses a lack of input power. In its shutdown mode, the ACE4054C
can reduce the supply current to less than 25μA. A status pin outputs a logic HIGH/LOW to indicate the
charging status and the presence of power supply.
Other features include charge current monitor, under-voltage lockout.
Features
Standalone Capability with no Requirement of External MOSFET, Sense Resistor or Blocking Diode
Complete Linear Charger in Compact Package for Single Cell Lithium-Ion Batteries
Programmable Pre-charge, Fast Charge and Termination Current
Constant-Current/Constant-Voltage Operation with Thermal Regulation to Maximize Charge Rate
Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from USB Port
Preset 4.2V Charge Voltage with ±1% Accuracy
Automatic Recharge
Charge Status Output Pin
C/10 Charge Termination
25μA Supply Current in Shutdown
2.9V Trickle Charge Threshold
Soft-Start Limits Inrush Current
Application
Cellular Telephones,PDAs,MP3 Players
Charging Docks and Cradles
Bluetooth Applications


Similar Part No. - ACE4054C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
ACE4054 ACE-ACE4054 Datasheet
1,000Kb / 18P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4054BN+H ACE-ACE4054BN+H Datasheet
252Kb / 15P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
ACE4054BN+H ACE-ACE4054BN+H Datasheet
1,000Kb / 18P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4054IM+H ACE-ACE4054IM+H Datasheet
1,000Kb / 18P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
More results

Similar Description - ACE4054C

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
BL8573 BELLING-BL8573 Datasheet
1Mb / 12P
500mA/1.5A Standalone Linear Li-Ion Battery Charge
logo
SHOUDING Shouding Semic...
SD8057 SHOUDING-SD8057 Datasheet
1Mb / 12P
500mA Linear Li-Ion Battery Charger
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
logo
AiT Semiconductor Inc.
A4061 AITSEMI-A4061 Datasheet
759Kb / 16P
BATTERY MANAGEMENT 500mA/1.5A STANDALONE LINEAR LI-ION BATTERY CHARGE
REV1.1
logo
Shenzhen Tuofeng Semico...
TF4054A TUOFENG-TF4054A Datasheet
1Mb / 8P
500mA Linear Li-Ion Battery Charger
Dec,2019 V2.3
TF4057 TUOFENG-TF4057 Datasheet
1Mb / 8P
500mA Linear Li-Ion Battery Charger
Apr,2020 V1.4
logo
TECH PUBLIC Electronics...
TP4057 TECHPUBLIC-TP4057 Datasheet
4Mb / 6P
500mA Linear Li-Ion Battery Charger
2021.06.15
TP4057S6 TECHPUBLIC-TP4057S6 Datasheet
4Mb / 6P
500mA Linear Li-Ion Battery Charger
2021.6.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com